Electronic Components Datasheet Search
  English  ▼

X  

LP3942YQ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942YQ
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942YQ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3942YQ Datasheet HTML 1Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 2Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 3Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 4Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 5Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 6Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 7Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 8Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin: Voltage to GND
−0.3V to +6.0V
Voltage on R1, G1, B1, R2, G2,
B2 Pins
−0.3V to P
OUT
+ 0.3V, with 6.0V max
Voltage on All Other Pins
−0.3V to V
IN +0.3V,
with 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
150˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering)
(Note 4)
ESD Rating (Note 5)
Human Body Model:
2.0 kV
Machine Model:
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range
3.0V to 5.0V
V
DD Voltage Range
2.69V to 2.87V
Recommended Load Current
0 mA to 120 mA
Junction Temperature (T
J) Range
−30˚C to +105˚C
Ambient Temperature (T
A) Range
(Note 6)
−30˚C to +85˚C
Thermal Properties
Junction-to-Ambient Thermal Resistance
A34˚C/W
(
θ
JA), LLP24 Package (Notes 6, 7)
Electrical Characteristics (Notes 2, 8)
Limits in standard typeface are for T
J = +25˚C. Limits in boldface type apply over the operating junction temperature range
(−30˚C
≤ T
A
≤ +105˚C). Unless otherwise noted, specifications apply to the LP3942 Typical Application Circuit (pg. 1) with:
V
VDD = 2.78V, VIN 3.6V, CIN = 2.2 µF, C1 = 1.0 µF, C2 = 1.0 µF, COUT = 3.0 µF, RBIAS = 27k. (Note 9).
Symbol
Parameter
Condition
Min
Typ
Max
Units
CHARGE PUMP 1.5x MODE
V
POUT
Output Voltage
3.4V < V
IN < 5.0V,
I
OUT
≤ 120 mA
4.5
V
3.0V < V
IN < 3.4V
(1.5xV
IN)
–(I
OUT x
R
OUT)
Accuracy (Note 10)
3.4V < V
IN < 5.0V,
I
OUT
≤ 120 mA
±3
±5
%
R
OUT
Output Resistance
V
DD = 3.0V
5
7
G
CP
Charge Pump Gain
1.5
CHARGE PUMP 2x MODE
V
POUT
Output Voltage (Note 10)
3.20V < V
IN < 5.0V,
I
OUT
≤ 120 mA
4.75
5.0
±3
5.25
±5
V
%
3.0V < V
IN < 3.2V,
I
OUT
≤ 80 mA
4.75
5.0
±3
5.25
±5
V
%
R
OUT
Output Resistance
V
DD = 3.0V
5
G
CP
Charge Pump Gain
2
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Q(VIN)
Operating Quiescent Current
I
(OUT) = 0A (Note 11)
1.0
3.0
mA
I
Q(VDD)
Operating Quiescent Current
200
300
µA
I
SD(VIN)
Standby Quiescent Current
NSTBY = 0
NRST pin current excluded
4
10
µA
I
SD(VDD)
Standby Quiescent Current
NSTBY = 0,
SPI interface inputs at 0V or 1.8V
NRST pin current excluded
0.5
2
µA
f
sw
Switching Frequency
R
BIAS =27k
± 1%
500
625
750
kHz
t
start
Startup Time
After writing ‘1’ to NSTBY AND
CP_ON. NRST must be ‘1’.
1
2
ms
T
SHD
Shutdown Threshold.
Hysteresis
160
20
˚C
˚C
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com