Electronic Components Datasheet Search
  English  ▼

X  

LP3942YQ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942YQ
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942YQ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3942YQ Datasheet HTML 4Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 5Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 6Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 7Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 8Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 9Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 10Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 11Page - National Semiconductor (TI) LP3942YQ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Start-Up Sequence of LP3942
The LP3942 start-up sequence can be triggered in the following way: V
DD power is connected to the device and NRST pin is ‘0’
(or floating) and NSTBY is set to ‘1’ via SPI.
The LP3942 activates first internal oscillator and waits for appr. 0.8 ms. Then, if CP_ON bit is set to ‘1’, LP3942 enables internal
soft-start circuitry to start-up the charge pump smoothly. Soft-start sequence takes appr. 200 µs. After this start-up sequence,
P
OUT is settled to correct value and RGB outputs can be enabled via SPI.
Modes of Operation
RESET:
In the RESET mode all the internal registers are reset to the default values. Reset is entered always if input
NRST is LOW or internal Power On Reset is active.
STANDBY:
The STANDBY mode is entered if the register bit NSTBY is HIGH and Reset is not active. This is the low
power consumption mode, when all circuit functions are disabled. Registers can be written in this mode and
the control bits are effective immediately after power up.
STARTUP:
INTERNAL STARTUP SEQUENCE powers up all the needed internal blocks. To ensure the correct oscillator
initialization, a 0.8 ms delay is generated by the internal state-machine. Thermal shutdown (T
SHD) stops the
chip operation and Startup mode is entered. Normal mode is entered after the device has cooled down.
NORMAL/CP OFF During NORMAL MODE WITH CHARGE PUMP OFF all LED controls can be used but the charge pump is
not active.
NORMAL/CP ON
In NORMAL MODE WITH CHARGE PUMP ON all the chip functions are active.
Internal Start-Up Sequence
20129207
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com