Electronic Components Datasheet Search
  English  ▼

X  

FLGA-SD Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # FLGA-SD
Description  Fine Pitch Land Grid Array - Stacked Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

FLGA-SD Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  FLGA-SD Datasheet HTML 1Page - STATS ChipPAC, Ltd. FLGA-SD Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• 2 to 7 die stack with spacer capability
• Flexible body sizes range from 4mm x 4mm to
13mm x 13mm
• Package height at 1.0, 1.2, 1.4mm max
• Flexible die stacking options (“pyramid,” “same die,”
etc.)
• 0.5mm minimum land pitch, flexible land pattern
• Flash/SRAM/PSRAM/Logic/Analog combinations
• JEDEC standard package outlines
• Die thinning to 75um (3mils) capability
• Low loop wire bonding; reverse and die to die
• Up to 2mm die overhang per side
• Halogen-free and Low-K wafer compatible BOM
APPLICATIONS
• Handheld devices
• Wireless RF
• Analog
• ASIC
• Memory
• Simple PLDs
• Stacking of die allows for more functionality
in an array molded, cost effective, space
saving package solution
• Available in 1.2mm (TFLGA), 1.0mm (VFLGA),
and 0.8mm (WFLGA) maximum thickness
• Thinner than FBGA
• Exposed thermal/mechanical lands available
• Laminate substrate based enabling
2 and 4 layers of routing flexibility
DESCRIPTION
STATS ChipPAC’s chip stack technology offers the flexibility
of stacking 2 to 7 die in a single package. Die to die bonding
capability enables device and signal integration to improve
electrical performance and reduce overall package I/O
requirements. Wafer thinning technology, overhang wire
bond technology, and the use of spacers between stacked
die provide the flexibility to stack almost any desirable
configuration of die in one package. This capability uses
existing assembly infrastructure, which results in more
functional integration with lower overall package cost. The
use of the latest packaging materials allows this package to
meet JEDEC Moisture Resistance Test Level 2a with
Lead-free reflow condition. This is an ideal package for cell
phone applications where Digital, Flash, SRAM, PSRAM
and Logic are stacked into a single package.
FLGA-SD
Fine Pitch Land Grid Array - Stacked Die


Similar Part No. - FLGA-SD

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FLGA STATSCHIP-FLGA Datasheet
515Kb / 2P
Fine Pitch Land Grid Array
More results

Similar Description - FLGA-SD

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
FLGA STATSCHIP-FLGA Datasheet
515Kb / 2P
Fine Pitch Land Grid Array
logo
Amkor Technology
CLGA AMKOR-CLGA Datasheet
357Kb / 1P
Ceramic Land Grid Array Package
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
60 DIE LED ARRAY
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
Fine Ball Grid Array (FBGA, 1.00mm Pitch)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com