Electronic Components Datasheet Search
  English  ▼

X  

FLGA-SD Datasheet(PDF) 2 Page - STATS ChipPAC, Ltd.

Part # FLGA-SD
Description  Fine Pitch Land Grid Array - Stacked Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

FLGA-SD Datasheet(HTML) 2 Page - STATS ChipPAC, Ltd.

  FLGA-SD Datasheet HTML 1Page - STATS ChipPAC, Ltd. FLGA-SD Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The STATS ChipPAC logo is a registered trademark of STATS ChipPAC Ltd. All other product names and other company names herein are for identification purposes only and may be the trademarks or registered trademarks
of their respective owners. STATS ChipPAC disclaims any and all rights in those marks. STATS ChipPAC makes no guarantee or warranty of its accuracy in the information given, or that the use of such information
will not infringe on intellectual rights of third parties. Under no circumstances shall STATS ChipPAC be liable for any damages whatsoever arising out of the use of, or inability to use the materials in this document.
STATS ChipPAC reserves the right to change the information at any time and without notice.
©Copyright 2006. STATS ChipPAC Ltd. All rights reserved.
May 2006
Corporate Office 10 Ang Mo Kio St. 65, #05-17/20 Techpoint, Singapore 569059 Tel: 65-6824-7777 Fax: 65-6720-7823
Global Offices
USA 510-979-8000
JAPAN 81-3-5789-5850
CHINA 86-21-5976-5858
MALAYSIA 603-4257-6222
KOREA 82-31-639-8911
TAIWAN 886-3-593-6565
UK 44-1483-413-700
NETHERLANDS 31-38-333-2023
FLGA-SD
Fine Pitch Land Grid Array - Stacked Die
SPECIFICATIONS
Die Thickness
75–165µm (3-6.5 mils)
Mold Cap Thickness
0.45-0.9mm
Marking
Laser
Packing Options
Tape & reel/JEDEC tray
RELIABILITY
Moisture Sensitivity Level
JEDEC Level 2A, 260°C Reflow
Temperature Cycling
Condition C (–65°C to 150°C),
1000 cycles
High Temp Storage
150°C, 1000 hrs
Pressure Cooker Test
121°C/100%RH/2atm, 168 hrs
Temperature/Humidity Test
85°C/85% RH, 1000 hrs
Unbiased HAST
130°C/85% RH/2 atm, 96 hrs
CROSS-SECTION
FLGA-SD
PACKAGE CONFIGURATIONS
Body Sizes (mm)
4x4 to 13x13
Terminal Count
8 to 200
Terminal Pitch (mm)
0.5 to 0.8
Typ. Pkg. Thickness
TFLGA-SD: 1.2mm
VFLGA-SD: 1.0mm max.
WFLGA-SD: 0.8mm max.
ELECTRICAL PERFORMANCE
Electrical parasitic data is highly dependent on the package layout. 3D electrical simulation can be used on the specific package design
to provide the best prediction of electrical behavior. First order approximations can be calculated using parasitics per unit length for the
constituents of the signal path. Data below is for a frequency of 100MHz and assumes 1.0 mil gold bonding wire.
Conductor
Length
Resistance
Inductance
Inductance
Capacitance
Capacitance
Component
(mm)
(mOhms)
(nH)
Mutual (nH)
(pF)
Mutual (pF)
Wire
2
120
1.65
0.45 - 0.85
0.10
0.01 - 0.02
Net (2L)
2 - 7
25 -110
1.10 - 4.35
0.25 - 2.27
0.20 - 0.90
0.05 - 0.41
Total (2L)
4 - 0
145 - 230
2.75 - 6.00
0.70 - 3.12
0.30 - 1.00
0.06 - 0.43
Wire
2
120
1.65
0.45 - 0.85
0.10
0.01 - 0.02
Net (4L)
2 - 7
25 - 110
0.70 - 2.95
0.17 - 1.57
0.30 - 1.05
0.05 - 0.41
Total (4L)
4 - 9
145 - 230
2.35 - 4.60
0.62 - 2.42
0.40 - 1.15
0.06 - 0.43
Note: Net = Total Trace Length + Via



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com