Electronic Components Datasheet Search
  English  ▼

X  

LM4982TL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982TL
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982TL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4982TL Datasheet HTML 1Page - National Semiconductor (TI) LM4982TL Datasheet HTML 2Page - National Semiconductor (TI) LM4982TL Datasheet HTML 3Page - National Semiconductor (TI) LM4982TL Datasheet HTML 4Page - National Semiconductor (TI) LM4982TL Datasheet HTML 5Page - National Semiconductor (TI) LM4982TL Datasheet HTML 6Page - National Semiconductor (TI) LM4982TL Datasheet HTML 7Page - National Semiconductor (TI) LM4982TL Datasheet HTML 8Page - National Semiconductor (TI) LM4982TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Connection Diagrams
micro SMD Package
micro SMD Marking
20161459
Top View
Order Number LM4982TL
20161401
Top View
XY - Date Code
TT - Lot Traceability
GG3 – LM4982
See NS Package Number LM4982TL
Pin Descriptions
Pin Designator
Pin Name
Pin Function
A1
SGND
Amplifier ground
A2
HPE
Headphone sende input
A3
PV
DD
Charge pump / digital power supply
A4
C
CP+
Charge pump fly capacitor positive side
B1
OUT_L
Left channel output
B2
IN_L
Left channel input
B3
I
2C_V
DD
I
2C power supply
B4
PGND
Charge pump / digital ground
C1
SV
SS
Amplifier negative supply
C2
IN_R
Right channel input
C3
SCL
I
2C SCL line
C4
C
CP-
Charge pump fly capacitor negative side
D1
OUT_R
Right channel output
D2
SV
DD
Amplifier positive supply
D3
SDA
I
2C SDA line
D4
CP
OUT
Charge pump power output
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com