Electronic Components Datasheet Search
  English  ▼

X  

LM4982TL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982TL
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982TL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4982TL Datasheet HTML 10Page - National Semiconductor (TI) LM4982TL Datasheet HTML 11Page - National Semiconductor (TI) LM4982TL Datasheet HTML 12Page - National Semiconductor (TI) LM4982TL Datasheet HTML 13Page - National Semiconductor (TI) LM4982TL Datasheet HTML 14Page - National Semiconductor (TI) LM4982TL Datasheet HTML 15Page - National Semiconductor (TI) LM4982TL Datasheet HTML 16Page - National Semiconductor (TI) LM4982TL Datasheet HTML 17Page - National Semiconductor (TI) LM4982TL Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Information (Continued)
TABLE 4. Volume Control
VD4
VD3
VD2
VD1
VD0
Gain (dB)
00000
–70
00001
–60
00010
–52
00011
–44
00100
–38
00101
–34
00110
–30
00111
–27
01000
–24
01001
–21
01010
–18
01011
–16
01100
–14
01101
–12
01110
–10
01111
–8
10000
–6
10001
–4
10010
–2
10011
0
10100
2
10101
4
10110
6
10111
8
11000
10
11001
12
11010
13
11011
14
11100
15
11101
16
11110
17
11111
18
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com