Electronic Components Datasheet Search
  English  ▼

X  

1327 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 1327
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1327 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  1327 Datasheet HTML 1Page - Anderson Power Products, Inc. 1327 Datasheet HTML 2Page - Anderson Power Products, Inc. 1327 Datasheet HTML 3Page - Anderson Power Products, Inc. 1327 Datasheet HTML 4Page - Anderson Power Products, Inc. 1327 Datasheet HTML 5Page - Anderson Power Products, Inc. 1327 Datasheet HTML 6Page - Anderson Power Products, Inc. 1327 Datasheet HTML 7Page - Anderson Power Products, Inc. 1327 Datasheet HTML 8Page - Anderson Power Products, Inc. 1327 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
- 32 -
All Data Subject To Change Without Notice
www.andersonpower.com
45A Right Angle and Vertical PCB Contacts Tin Plated
Suitable for right angle or vertical applications up to 45A per pole. Tin plating
enhances solderability. Right angle contacts cannot be mixed with 25A PCB
contacts. For mating with wire contacts only.
Loose Piece
Description
Part Numbers
Minimum Quantity
1,000
100
Vertical
3-5911P1
1335G1
Right Angle Bottom Row
3-5912P1
1336G1
Right Angle Top Row
3-5913P1
1337G1
45A Premate Ground PCB Contacts
Right angle contacts are suitable for power or ground. Use to mate with 45A
ground wire contacts. Tin plated contacts are rated up to 1,500 mating cycles.
Can be used with other 45A PCB connectors in the bottom row.
Mating
Loose Piece
Force
Part Numbers
Minimum Quantity
1000
100
PCB, Bottom Row
Low
3-5952P1
1836G1
PP15/45 ULTRASONICALLY BONDED ASSEMBLIES
Assemblies feature housings that are ultrasonically welded to create a one piece connector unit using an APP® special process. After welding, retaining pins are
no longer required to secure the stacked housings to each other. This allows Powerpole® 15/45 connectors to be used as a durable one piece connector header.
Contact customer service for configurations not shown below.
Single Row 1x2 Assemblies
Housings with
Housings with
45A Vertical
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
PCB Contacts
Position Matrix
Minimum Quantity
500
500
500
1
2
DC 2 Wire Standard Housings
ASMPP30-1X2-RK
ASMPV45-1X2-RK
ASMPR45-1X2-RK
RED / STD BLK / STD
DC 2 Wire Reverse Standard Housings ASMPP30-1X2-KR
ASMPV45-1X2-KR
ASMPR45-1X2-KR
BLK / STD RED / STD
DC 2 Wire Finger Proof
ASMFP30-1X2-RK
ASMFV45-1X2-RK
ASMFR45-1X2-RK
RED / FP
BLK / FP
DC 2 Wire Finger Proof Reverse
ASMFP30-1X2-KR
ASMFV45-1X2-KR
ASMFR45-1X2-KR
BLK / FP
RED / FP
Single Row 1x3 Assemblies
Housings with
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
Position Matrix
Minimum Quantity
500
500
1
2
3
DC 2 Wire Finger Proof with Ground
ASMFP30-1X3-KER
ASMFR45-1X3-KER
BLK / FP
GRN / GND
RED / FP
AC Single Phase Finger Proof
ASMFP30-1X3-KEW
ASMFR45-1X3-KEW
BLK / FP
GRN / GND
WHT / FP
Two Row 2x1 Assemblies
Housings with
Housings with
45A Vertical
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
PCB Contacts
Position Matrix
Minimum Quantity
500
500
500
1
2
DC 2 Wire Finger Proof
ASMFP30-2X1-KR
ASMFV45-2X1-KR
ASMFR45-2X1-KR
BLK / FP
RED / FP
DC 2 Wire Finger Proof Mate
ASMFP30-2X1-RK
ASMFV45-2X1-RK
ASMFR45-2X1-RK
RED / FP
BLK / FP
Two Row 2x2 Assemblies
Housings with
Housings with
45A Vertical
45A Right Angle
Color & Type
Circuit Description
Housings Only
PCB Contacts
PCB Contacts
Position Matrix
Minimum Quantity
500
500
500
1
2
3
4
AC 3 Phase, 3 Wire Finger Proof
ASMFP30-2X2-KRWE N/A
N/A
BLK / FP
RED / FP
WHT / FP
GRN / GND
AC 3 Phase, 3 Wire Finger Proof Mate
ASMFP30-2X2-WEKR N/A
ASMFR45-2X2-WEKR
WHT / FP GRN / GND
BLK / FP
RED / FP
Type
STD = Standard Housing
FP = Finger Proof Housing
GND = Ground Housing
Single Row 1x2 Assembly
Single Row 1x3 Assembly
Two Row 2x1 Assembly
Two Row 2x2 Assembly
1
2
1
2
3
1
2
3
4
Hood Up
1
2
Mated Pair
Pre-mate wire
connector
[ 45.3 ]
1.78 [ 41.2 ]
1.62
[ 14.7 ]
0.578
[ 7.9 ]
0.31 TYP
[ 8.4 ]
0.33 TYP
[ 7.9 ]
0.31
[ 28.1 ]
1.11
[ 5.6 ]
0.22
[ 3.6 ]
0.14
[ 5.1 ]
0.20
[ 7.9 ]
0.31
TYP
[ 29.7 ]
1.17
REF
[ 7.9 ]
0.31
TYP
Vertical
[ 36.5 ]
1.44
[ 28.6 ]
1.13
[ 5.8 ]
0.23
[ 16.3 ]
0.64
Right Angle Contact
Horizontal (top), Cat.No. 1337G1
Right Angle Contact
Horizontal (bottom)
Cat.No. 1336G1
PP15/45 Housings
(1327 Series)
Use mounting staples with right angle
contacts (see accessories).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com