Electronic Components Datasheet Search
  English  ▼

X  

1327 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # 1327
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1327 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

Back Button 1327 Datasheet HTML 3Page - Anderson Power Products, Inc. 1327 Datasheet HTML 4Page - Anderson Power Products, Inc. 1327 Datasheet HTML 5Page - Anderson Power Products, Inc. 1327 Datasheet HTML 6Page - Anderson Power Products, Inc. 1327 Datasheet HTML 7Page - Anderson Power Products, Inc. 1327 Datasheet HTML 8Page - Anderson Power Products, Inc. 1327 Datasheet HTML 9Page - Anderson Power Products, Inc. 1327 Datasheet HTML 10Page - Anderson Power Products, Inc. 1327 Datasheet HTML 11Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
- 36 -
All Data Subject To Change Without Notice
www.andersonpower.com
25
50
75
100
125
0
5
10 15 20
25 30 35 40
PP25 PCB
Derating vs. Ambient Temperature
Amperes Applied
Singlepole
2-Pole
Multipole
PP45 PCB
Derating vs. Ambient Temperature
25
50
75
100
125
0
10
20
30
40
50
60
70
Amperes Applied
Singlepole
2-Pole
Multipole
PP15/45 Singlepole
Derating vs. Ambient Temperature
25
50
75
100
125
0
10
20
30
40
50
60
70
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
25
50
75
100
125
0
10
20
30
40
50
PP15/45 Multipole
Derating vs. Ambient Temperature
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
0
10
20
30
40
50
60
0
10
20
30
40
50
60
PP15/45 Singlepole
Temperature Rise at Constant Current
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
PP15/45 Multipole
Temperature Rise at Constant Current
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
10
20
30
40
50
60
0
0
10
20
30
40
0
10
20
30
40
50
60
0
5
10 15 20 25 30 35 40
PP25 PCB
Temperature Rise at Constant Current
Amperes Applied
Singlepole
2-Pole
Multipole
NOTE: PP25 PCB charts based on 0.002 in² foil on board side, mated to 12 AWG conductor on wire side. PP45 PCB charts based on 10 AWG
equivalent copper foil on board side, mated to 10 AWG conductor on wire side.
Current - Temperature Derating per IEC 60512-5-2 Test 5B
PP15/45 CONNECTOR TEMPERATURE CHARTS - Temperature rise charts are based on a
25°C ambient temperature.
0
10
20
30
40
50
60
0
10
20
30
40
50
60
PP45 PCB
Temperature Rise at Constant Current
Amperes Applied
Singlepole
2-Pole
Multipole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com