Electronic Components Datasheet Search
  English  ▼

X  

VOS618AT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VOS618AT
Description  Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS618AT Datasheet(HTML) 6 Page - Vishay Siliconix

  VOS618AT Datasheet HTML 1Page - Vishay Siliconix VOS618AT Datasheet HTML 2Page - Vishay Siliconix VOS618AT Datasheet HTML 3Page - Vishay Siliconix VOS618AT Datasheet HTML 4Page - Vishay Siliconix VOS618AT Datasheet HTML 5Page - Vishay Siliconix VOS618AT Datasheet HTML 6Page - Vishay Siliconix VOS618AT Datasheet HTML 7Page - Vishay Siliconix VOS618AT Datasheet HTML 8Page - Vishay Siliconix VOS618AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VOS618A
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 13-Mar-15
6
Document Number: 83465
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Current Transfer Ratio vs. Forward Current (non-saturated)
Fig. 14 - Cut-off Frequency (- 3 dB) vs. Collector Current
Fig. 15 - Phase Angle vs. Frequency
Fig. 16 - Switching Time vs. Load Resistance
Fig. 17 - Voltage Gain vs. Frequency
0.0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = -55 °C
T
amb = 25 °C
T
amb = 110 °C
Normalized to:
I
F = 1 mA, VCE = 5 V,
T
amb = 25 °C
1000
0.1
100
10
1
1
10
100
I
C - Collector Current (mA)
V
CE = 5 V,
T
amb = 25 °C
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
f - Frequency (kHz)
V
CE = 5 V
R
L = 1000 Ω
R
L = 100 Ω
1
10
100
1000
0
5
10
15
20
RL - Load Resistance (kΩ)
t
on (μs)
toff (μs)
I
C = 2 mA
V
CE = 5 V
1
10
100
1000
V
CE = 5 V
R
L = 100 Ω
R
L = 1000 Ω
-40
-35
-30
-25
-20
-15
-10
-5
0
f - Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com