Electronic Components Datasheet Search
  English  ▼

X  

VOS618AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VOS618AT
Description  Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS618AT Datasheet(HTML) 1 Page - Vishay Siliconix

  VOS618AT Datasheet HTML 1Page - Vishay Siliconix VOS618AT Datasheet HTML 2Page - Vishay Siliconix VOS618AT Datasheet HTML 3Page - Vishay Siliconix VOS618AT Datasheet HTML 4Page - Vishay Siliconix VOS618AT Datasheet HTML 5Page - Vishay Siliconix VOS618AT Datasheet HTML 6Page - Vishay Siliconix VOS618AT Datasheet HTML 7Page - Vishay Siliconix VOS618AT Datasheet HTML 8Page - Vishay Siliconix VOS618AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VOS618A
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 13-Mar-15
1
Document Number: 83465
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, Low Input Current,
SSOP-4, Half Pitch, Mini-Flat Package
DESCRIPTION
The VOS618A series has a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a 4-pin
50 mil lead pitch mini-flat package.
It features a high current transfer ratio at low input current,
low coupling capacitance, and high isolation voltage.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
FEATURES
• High CTR with low input current
• Low profile package (half pitch)
• High collector emitter voltage, VCEO = 80 V
• Isolation test voltage = 3750 VRMS
• Low coupling capacitance
• High common mode transient immunity
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Telecom
• Industrial controls
• Battery powered equipment
• Office machines
• Programmable controllers
AGENCY APPROVALS
Safety application model number covering all products in
this datasheet is VOS618A. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E52744
•cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• FIMKO EN 60065, EN 60950-1
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)
Note
• Additional options may be possible, please contact sales office.
E
C
A
C
1
2
4
3
22628-1
ORDERING INFORMATION
V
O
S
6
1
8
A
-
#
X
001
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/PACKAGE
CTR (%)
1 mA
UL, cUL, FIMKO, CQC
50 to 600
63 to 125
100 to 200
80 to 160
130 to 260
SSOP-4, 50 mil pitch
VOS618AT
VOS618A-2T
VOS618A-3T
VOS618A-7T
VOS618A-8T
UL, cUL, FIMKO,
CQC, VDE (option 1)
50 to 600
63 to 125
100 to 200
80 to 160
130 to 260
SSOP-4, 50 mil pitch
VOS618A-X001T
VOS618A-2X001T
VOS618A-3X001T
VOS618A-7X001T
VOS618A-8X001T
SSOP-4
≥ 5 mm


Similar Part No. - VOS618AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOS618AT VISHAY-VOS618AT Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
13-Mar-15
More results

Similar Description - VOS618AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOS618A VISHAY-VOS618A Datasheet
155Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
14-Jan-13
VOS615A-3X001T VISHAY-VOS615A-3X001T Datasheet
154Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
VOS628A VISHAY-VOS628A Datasheet
122Kb / 6P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
27-Oct-11
VOS615A VISHAY-VOS615A Datasheet
158Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
VOS618A VISHAY-VOS618A_15 Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
13-Mar-15
VOS628A VISHAY-VOS628A_14 Datasheet
159Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
VOS615A VISHAY-VOS615A_V01 Datasheet
156Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
VOS615A VISHAY-VOS615A_V02 Datasheet
156Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
17-Apr-13
VOS618A VISHAY-VOS618A_V02 Datasheet
165Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current,SSOP-4, Half Pitch, Mini-Flat Package
13-Mar-15
VOS628A VISHAY-VOS628A_V02 Datasheet
157Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com