Electronic Components Datasheet Search
  English  ▼

X  

LT8602 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8602
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8602 Datasheet(HTML) 2 Page - Analog Devices

  LT8602 Datasheet HTML 1Page - Analog Devices LT8602 Datasheet HTML 2Page - Analog Devices LT8602 Datasheet HTML 3Page - Analog Devices LT8602 Datasheet HTML 4Page - Analog Devices LT8602 Datasheet HTML 5Page - Analog Devices LT8602 Datasheet HTML 6Page - Analog Devices LT8602 Datasheet HTML 7Page - Analog Devices LT8602 Datasheet HTML 8Page - Analog Devices LT8602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8686S
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 ................................................... –0.3V to 42V
VIN3, VIN4................................................... –0.3V to 10V
EN/UVLO, EN2, EN3, EN4..........................................42V
PG1, PG2, PG3, PG4, SYNC/MODE.............................6V
BIAS........................................................... –0.3V to 14V
FB1, FB2, FB3, FB4......................................................4V
TRK/SS1, TRK/SS2, TRK/SS3, TRK/SS4....................4V
Operating Junction Temperature (Notes 2, 3)
LT8686SJ …………………………….–40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
ORDER INFORMATION
28
29
30
31
32
27 26 25
9
10 11 12 13 14
15 16
TOP VIEW
LQFN PACKAGE
32-PIN (5mm × 5mm × 0.95mm)
TJMAX =150°C; θJA = 23°C/W
θJC_top = 22.6°C/W; θJC_bottom = 6.5°C/W
SW1
BST1
PG1
TRK/SS1
EN/UVLO
FB1
EN2
FB2
SW4
BST4
PG4
TRK/SS4
EN4
FB4
EN3
FB3
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
35
GND
33
GND
36
GND
34
GND
NOTES:
1. θ VALUES ARE DETERMINED BY SIMULATION
PER JESD-51 CONDITIONS.
2. θJA VALUE IS OBTAINED WITH ADI DEMO BOARD.
PART NUMBER
TAPE AND REEL
PAD
FINISH
PART MARKING
PACKAGE TYPE*
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT8686SJV#PBF
LT8686SJV#TRPBF
Au
(RoHS)
8686S
e4
LQFN (Laminate Package with
QFN Footprint)
3
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8686SJV#WPBF LT8686SJV#WTRPBF
Au
(RoHS)
8686S
e4
LQFN (Laminate Package with
QFN Footprint)
3
–40°C to 150°C
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Tape and reel specifications.
• Parts ending with PBF are RoHS and WEEE compliant.
• Recommended BGA PCB Assembly and Manufacturing
Procedures.
• BGA Package and Tray Drawings
*The LT8686S package has the same dimensions as a standard 5mm × 5mm QFN package.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com