Electronic Components Datasheet Search
  English  ▼

X  

LT8602 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8602
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8602 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8602 Datasheet HTML 17Page - Analog Devices LT8602 Datasheet HTML 18Page - Analog Devices LT8602 Datasheet HTML 19Page - Analog Devices LT8602 Datasheet HTML 20Page - Analog Devices LT8602 Datasheet HTML 21Page - Analog Devices LT8602 Datasheet HTML 22Page - Analog Devices LT8602 Datasheet HTML 23Page - Analog Devices LT8602 Datasheet HTML 24Page - Analog Devices LT8602 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT8686S
21
Rev. 0
For more information www.analog.com
either direct load current reduction or reducing the duty
cycle or duration over which the maximum load current
occurs. Die junction temperature can also be reduced by
lowering the ambient temperature or the addition of air
flow. Figure 5 shows the approximate allowable on chip
power dissipation for a given ambient temperature using
a θJA = 20°C/W.
The LT8686S contains an internal thermal shutdown fea-
ture that will stop switching if the die temperature rises
to approximately 177°C. Switching will resume when the
temperature falls approximately 5°C. This feature is not
production tested and is intended as a failsafe only.
APPLICATIONS INFORMATION
θJA = 20 °C/W
AMBIENT TEMPERATURE TA (°C)
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
8686S F05
Figure 5. Maximum Loss vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com