Electronic Components Datasheet Search
  English  ▼

X  

NSZ Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # NSZ
Description  Ceramic Housed Wirewound Resistor with Specialty Leads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

NSZ Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  NSZ Datasheet HTML 1Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 2Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 3Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 4Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 5Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 02/17/2021
6
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
NSZ Series
Ceramic Housed Wirewound Resistor with Specialty Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
N
S
Z
7
J
B
1
K
0
0
-
0
1
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
Lead Style
Code
Description
Size
W
Code
Tol
Value
Cod
Description
Size
Quantity
Code
5
5
J
5%
E24
5, 7, 10
1000
01
7
7
K
10%
E12
15
500
03
10
10
04
15
15
1 ohm = 1R00
680 ohm = 680R
51 Kohm = 51K0
Power Rating
Ceramic Housed
Wirewound with
Specialty Leads
B
Bulk
Product Series
NSZ
Packaging
Tolerance
Four characters with
the multiplier used as
the decimal holder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com