Electronic Components Datasheet Search
  English  ▼

X  

NSZ Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # NSZ
Description  Ceramic Housed Wirewound Resistor with Specialty Leads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

NSZ Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  NSZ Datasheet HTML 1Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 2Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 3Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 4Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 5Page - Stackpole Electronics, Inc. NSZ Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 02/17/2021
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
NSZ Series
Ceramic Housed Wirewound Resistor with Specialty Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Special lead configurations
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
– Lead Style 01
Mechanical Specifications
– Lead Style 01
Type / Code
H2
Unit
1.063 ± 0.039 0.591 ± 0.079 0.374 ± 0.039 0.059 ± 0.008 0.287 ± 0.012 0.374 ± 0.039 0.394 ± 0.079 0.945 0.177 ± 0.020 inches
27.00 ± 1.00
15.00 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
7.30 ± 0.30
9.50 ± 1.00
10.00 ± 2.00
24.00
4.50 ± 0.50
mm
1.378 ± 0.039 0.886 ± 0.079 0.374 ± 0.039 0.059 ± 0.008 0.287 ± 0.012 0.374 ± 0.039 0.394 ± 0.079 0.945 0.177 ± 0.020 inches
35.00 ± 1.00
22.50 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
7.30 ± 0.30
9.50 ± 1.00
10.00 ± 2.00
24.00
4.50 ± 0.50
mm
1.890 ± 0.039 1.378 ± 0.079 0.374 ± 0.039 0.059 ± 0.008 0.287 ± 0.012 0.374 ± 0.039 0.394 ± 0.079 0.945 0.177 ± 0.020 inches
48.00 ± 1.00
35.00 ± 2.00
9.50 ± 1.00
1.50 ± 0.20
7.30 ± 0.30
9.50 ± 1.00
10.00 ± 2.00
24.00
4.50 ± 0.50
mm
NSZ10
…-01
NSZ5
…-01
NSZ7
…-01
D
P
W1
H3
W2
W3
L
H1
Electrical Specifications
– Lead Style 03
Electrical Specifications
– Lead Style 04
5%, 10%
5%, 10%
NSZ5…-04
5
350
700
0.22 - 220
240 - 51K
NSZ7…-04
7
500
1000
0.39 - 470
510 - 51K
NSZ10…-04
10
700
1400
0.56 - 680
750 - 51K
NSZ15…-04
15
700
1400
0.62 - 820
910 - 51K
Max Voltage Rating =
Wirewound
Resistance Range (Ω)
and Tolerance
Metal Oxide
Resistance Range (Ω)
and Tolerance
Maximum Working
Voltage (V)
Power Rating (W)
@ 70ºC
Type / Code
Maximum Overload
Voltage (V)
√ P*R
5%, 10%
5%, 10%
NSZ5…-01
5
350
700
0.22 - 220
240 - 51K
NSZ7…-01
7
500
1000
0.39 - 470
510 - 51K
NSZ10…-01
10
700
1400
0.56 - 680
750 - 51K
Max Voltage Rating =
Wirewound
Resistance Range (Ω)
and Tolerance
Metal Oxide
Resistance Range (Ω)
and Tolerance
Power Rating (W)
@ 70ºC
Maximum Working
Voltage (V)
Type / Code
Maximum Overload
Voltage (V)
√ P*R
5%, 10%
5%, 10%
NSZ5…-03
5
350
700
0.22 - 220
240 - 51K
NSZ7…-03
7
500
1000
0.39 - 220
240 - 51K
NSZ10…-03
10
700
1400
0.56 - 220
240 - 51K
NSZ15…-03
15
700
1400
0.62 - 820
-
Max Voltage Rating =
Wirewound
Resistance Range (Ω)
and Tolerance
Metal Oxide
Resistance Range (Ω)
and Tolerance
Maximum Working
Voltage (V)
Power Rating (W)
@ 70ºC
Type / Code
Maximum Overload
Voltage (V)
√ P*R


Similar Part No. - NSZ

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
NSZ10A YAGEO-NSZ10A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
NSZ15A YAGEO-NSZ15A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
NSZ20A YAGEO-NSZ20A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
NSZ500 YAGEO-NSZ500 Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
More results

Similar Description - NSZ

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WFH90L4R7KE OHMITE-WFH90L4R7KE Datasheet
111Kb / 1P
Aluminum Housed Wirewound Power
logo
Welwyn Components Limit...
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
Ohmite Mfg. Co.
WFH OHMITE-WFH Datasheet
319Kb / 2P
Aluminum Housed Wirewound Power
logo
Stackpole Electronics, ...
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
Vishay Siliconix
VACR VISHAY-VACR_V01 Datasheet
124Kb / 5P
Aluminum Housed Compact Wirewound Resistor
08-May-14
logo
Stackpole Electronics, ...
TCB SEI-TCB Datasheet
235Kb / 4P
Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com