Electronic Components Datasheet Search
  English  ▼

X  

RHC Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # RHC
Description  High Power Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RHC Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  RHC Datasheet HTML 1Page - Stackpole Electronics, Inc. RHC Datasheet HTML 2Page - Stackpole Electronics, Inc. RHC Datasheet HTML 3Page - Stackpole Electronics, Inc. RHC Datasheet HTML 4Page - Stackpole Electronics, Inc. RHC Datasheet HTML 5Page - Stackpole Electronics, Inc. RHC Datasheet HTML 6Page - Stackpole Electronics, Inc. RHC Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev Date: 11/18/2020
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RHC Series
High Power Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Type
Unit
0.134 ± 0.004
0.260 ± 0.004
0.472 ± 0.008
0.217 ± 0.002
0.069 ± 0.004
0.157 ± 0.004
Inches
3.40 ± 0.10
6.60 ± 0.10
12.00 ± 0.20
5.50 ± 0.05
1.75 ± 0.10
4.00 ± 0.10
mm
P1
A
B
W
F
E
RHC2512
Type
Unit
0.079 ± 0.002
0.157 ± 0.004
0.061 ± 0.002
0.010 ± 0.002
0.039 ± 0.004
Inches
2.00 ± 0.05
4.00 ± 0.10
1.55 ± 0.05
0.25 ± 0.05
1.00 ± 0.10
mm
P2
P0
D0
t1
t2
RHC2512
High Power Chip Resistors and Thermal Management
Stackpole has developed several surface mount resistor series in addition to our current sense resistors, which have had
higher power ratings than standard resistor chips. This has caused some uncertainty and even confusion by users as to
how to reliably use these resistors at the higher power ratings in their designs.
The data sheets for the RHC, RMCP, RNCP, CSR, CSRN, CSRF, CSS, and CSSH state that the rated power assumes
an ambient temperature of no more than 100°C for the CSS / CSSH series and 70°C for all other high power resistor
series. In addition, IPC and UL best practices dictate that the combined temperature on any resistor due to power
dissipated and ambient air shall be no more than 105°C. At first glance this wouldn’t seem too difficult, however the graph
below shows typical heat rise for the CSR1206 100 milliohm at full rated power. The heat rise for the RMCP and RNCP
would be similar. The RHC with its unique materials, design, and processes would have less heat rise and therefore
would be easier to implement for any given customer.
Reel Specifications
Type
Unit
7.087 ± 0.118
2.362 ± 0.039
0.512 ± 0.008
0.827 ± 0.031
0.079 ± 0.020
0.512 ± 0.012
0.606 ± 0.039
Inches
180.00 ± 3.00
60.00 ± 1.00
13.00 ± 0.20
21.00 ± 0.80
2.00 ± 0.50
13.00 ± 0.30
15.40 ± 1.00
mm
RHC2512
W2
A
B
C
D
E
W1
Packaging Specifications
– Embossed Plastic Tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com