Electronic Components Datasheet Search
  English  ▼

X  

RHC Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RHC
Description  High Power Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RHC Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RHC Datasheet HTML 1Page - Stackpole Electronics, Inc. RHC Datasheet HTML 2Page - Stackpole Electronics, Inc. RHC Datasheet HTML 3Page - Stackpole Electronics, Inc. RHC Datasheet HTML 4Page - Stackpole Electronics, Inc. RHC Datasheet HTML 5Page - Stackpole Electronics, Inc. RHC Datasheet HTML 6Page - Stackpole Electronics, Inc. RHC Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev Date: 11/18/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RHC Series
High Power Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Handles 2W of power
•
Resistances from 0.1Ω to 1MΩ
•
TCR of ± 100 ppm/ºC
•
1% and 5% tolerances
•
Runs significantly cooler than standard thick film 2512 chip
•
RoHS compliant and halogen free
•
REACH compliant
Please refer to the High-Power Resistor Application Note (page 5) for more information on designing and implementing high power
resistor types.
Power Derating Curve:
Electrical Specifications
Mechanical Specifications
1%, 5%
RHC2512
2512
2
200
400
±100
0.1 - 1M
Note: (1) Lesser of
or maximum working voltage
Type/Code
Package
Type
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage (V)
(1)
Maximum
Overload
Voltage (V)
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
√ P*R
0.248 ± 0.008
0.126 ± 0.008
0.024 ± 0.004
0.028 ± 0.008
0.087 ± 0.008
inches
6.30 ± 0.20
3.20 ± 0.20
0.60 ± 0.10
0.70 ± 0.20
2.20 ± 0.20
mm
Type/Code
Unit
RHC2512
L
W
H
a
b
Body Length
Body Height
Top Termination
Bottom Termination
Body Width
Test
Typical
Moisture Resistance
Load Life
Resistance to Soldering
Temperature Cycling
Thermal Shock
Short Time Overload
Insulation Resistance
≥1MΩ
±1% + 0.05Ω for <10Ω and ±1% for ≥10Ω
Operating temperature range is -55°C to +155°C


Similar Part No. - RHC

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RHC EDI-RHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Taiyo Yuden (U.S.A.), I...
RHC-160V100MH4 TAIYO-YUDEN-RHC-160V100MH4 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V100MH4#B TAIYO-YUDEN-RHC-160V100MH4#B Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V101MI5 TAIYO-YUDEN-RHC-160V101MI5 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V101MI5#B TAIYO-YUDEN-RHC-160V101MI5#B Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
More results

Similar Description - RHC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
logo
Bourns Electronic Solut...
CRM-A BOURNS-CRM-A Datasheet
783Kb / 5P
High Power Thick Film Resistor
logo
Stackpole Electronics, ...
RMCP-UP SEI-RMCP-UP Datasheet
438Kb / 6P
Thick Film Ultra High Power Chip Resistor
2/21/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com