Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TL494
Description  Switch mode Pulse Width Modulation Control Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494 Datasheet(HTML) 4 Page - ON Semiconductor

  TL494 Datasheet HTML 1Page - ON Semiconductor TL494 Datasheet HTML 2Page - ON Semiconductor TL494 Datasheet HTML 3Page - ON Semiconductor TL494 Datasheet HTML 4Page - ON Semiconductor TL494 Datasheet HTML 5Page - ON Semiconductor TL494 Datasheet HTML 6Page - ON Semiconductor TL494 Datasheet HTML 7Page - ON Semiconductor TL494 Datasheet HTML 8Page - ON Semiconductor TL494 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TL494, NCV494
www.onsemi.com
4
ORDERING INFORMATION
Device
Package
Shipping†
TL494BD
SOIC−16
48 Units / Rail
TL494BDG
SOIC−16
(Pb−Free)
48 Units / Rail
TL494BDR2
SOIC−16
2500 Tape & Reel
TL494BDR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
TL494CD
SOIC−16
48 Units / Rail
TL494CDG
SOIC−16
(Pb−Free)
48 Units / Rail
TL494CDR2
SOIC−16
2500 Tape & Reel
TL494CDR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
TL494CN
PDIP−16
25 Units / Rail
TL494CNG
PDIP−16
(Pb−Free)
25 Units / Rail
TL494IN
PDIP−16
25 Units / Rail
TL494ING
PDIP−16
(Pb−Free)
25 Units / Rail
NCV494BDR2*
SOIC−16
2500 Tape & Reel
NCV494BDR2G*
SOIC−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV494: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com