Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 9 Page - ON Semiconductor

Part # TL494
Description  Switch mode Pulse Width Modulation Control Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button TL494 Datasheet HTML 5Page - ON Semiconductor TL494 Datasheet HTML 6Page - ON Semiconductor TL494 Datasheet HTML 7Page - ON Semiconductor TL494 Datasheet HTML 8Page - ON Semiconductor TL494 Datasheet HTML 9Page - ON Semiconductor TL494 Datasheet HTML 10Page - ON Semiconductor TL494 Datasheet HTML 11Page - ON Semiconductor TL494 Datasheet HTML 12Page - ON Semiconductor TL494 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL494, NCV494
www.onsemi.com
9
Figure 14. Error−Amplifier Sensing Techniques
Figure 15. Deadtime Control Circuit
Figure 16. Soft−Start Circuit
Figure 17. Output Connections for Single−Ended and Push−Pull Configurations
VO
To Output
Voltage of
System
R1
1
2
Vref
R2
+
Error
Amp
Positive Output Voltage
VO = Vref
1 +
R1
3
+
1
2
Vref
R2
VO
R1
Negative Output Voltage
-
To Output
Voltage of
System
Error
Amp
-
VO = Vref
R1
R1
R2
Output
Control
Output
Q
RT
CT
DT
Vref
4
5
6
0.001
30k
R1
R2
Max. % on Time, each output
≈ 45 -
80
1 +
Output
Q
Vref
4
DT
CS
RS
Output
Control
Single-Ended
Q1
Q2
QC
1.0 mA to
500 mA
QE
2.4 V
≤ VOC ≤ Vref
Push-Pull
Q1
Q2
C1
E1
C2
E2
1.0 mA to
250 mA
Output
Control
0
≤ VOC ≤ 0.4 V
C1
E1
C2
E2
R2
R2
1.0 mA to
250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com