Electronic Components Datasheet Search
  English  ▼

X  

RWT2 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RWT2
Description  Thermal Fusing Vertical Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RWT2 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RWT2 Datasheet HTML 1Page - Stackpole Electronics, Inc. RWT2 Datasheet HTML 2Page - Stackpole Electronics, Inc. RWT2 Datasheet HTML 3Page - Stackpole Electronics, Inc. RWT2 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 11/30/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RWT Series
Thermal Fusing Vertical Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
11
R
W
T
2
A
J
B
1
0
0
R
Resistance Value
Code
Description
Size
W
Code
Description
Code
Tol
Code
Description
Size
Quantity
RWT Thermal Fuse
2
2
A
250V 2A 142ºC
J
5%
2
1500
5
5
5
1000
7
7
7
800
1 ohm = 1R00
10 ohm = 10R0
100 ohm = 100R
Product Series
Tolerance
Fuse Type
Power Rating
Packaging
Bulk
B
Four characters with the
multiplier used as the
decimal holder.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com