Electronic Components Datasheet Search
  English  ▼

X  

RWT2 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RWT2
Description  Thermal Fusing Vertical Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RWT2 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RWT2 Datasheet HTML 1Page - Stackpole Electronics, Inc. RWT2 Datasheet HTML 2Page - Stackpole Electronics, Inc. RWT2 Datasheet HTML 3Page - Stackpole Electronics, Inc. RWT2 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 11/30/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RWT Series
Thermal Fusing Vertical Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
Electrical Specifications
Performance Characteristics
Features:
•
Good anti-surge capability
•
Wirewound on ceramic element
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
No. Part Name
1 Cap
2 Element core
3 Resistive Wire
4 Thermal fuse
5 Enclosed cement
6 Ceramic case
7 Lead wire
Test
Test Method
Test Results
Short Time Overload
Apply DV voltage of 2.5 times the rated voltage for 5 seconds.
± 2%
Load Life
Apply rated DC voltage for 1.5 hour ON and 0.5 hour OFF. Total time of 1000 hours.
± 3%
Humidity Test (no load)
Temperature of 40ºC. Humidity of 90 - 95% RH. Total time of 1000 hours.
± 2%
Humidity Test (rated load)
Temperature of 40ºC. Humidity of 90 - 95% RH. Apply 1/10 rated power for 1.5 hour ON
and 0.5 hour OFF. Total time of 1000 hours.
± 2%
Resistance to Soldering Heat
Dip lead into solder bath at temperature of 260ºC x 10ºC up to 1.5 mm from the body of the
resistor. Leave in solder bath for 10 seconds. Test after 24 hours in room temperature.
± 1%
Solderability
Insulation Resistance
Operating Temperature Range : -25ºC to +100ºC
R < 1 G Ω
> 95% coverage
5%
RWT2
2
1.5
RWT5
5
1.6
RWT7
7
2
1 - 470
1 - 100
Element
Power Rating (W)
@ 70ºC
TCR (ppm/ºC)
Ohmic Range (
Ω)
and Tolerance
Fusing
Current
(A)
Rated Functioning
Temperature
(°C)
Element + Fuse
Power Rating (W)
@ 70ºC
Max Voltage Rating =
Type/Code
± 200
2
142
√ P*R
0.433 ± 0.020
0.807 ± 0.059
0.276 ± 0.039
0.197 ± 0.020
0.197 ± 0.039
0.024 ± 0.002
0.031 ± 0.002
inches
11.00 ± 0.50
20.50 ± 1.50
7.00 ± 1.00
5.00 ± 0.50
5.00 ± 1.00
0.60 ± 0.05
0.80 ± 0.05
mm
0.512 ± 0.039
0.984 ± 0.059
0.374 ± 0.039
0.197 ± 0.020
0.197 ± 0.039
0.024 ± 0.002
0.031 ± 0.002
inches
13.00 ± 1.00
25.00 ± 1.50
9.50 ± 1.00
5.00 ± 0.50
5.00 ± 1.00
0.60 ± 0.05
0.80 ± 0.05
mm
0.512 ± 0.039
1.535 ± 0.059
0.374 ± 0.039
0.197 ± 0.020
0.197 ± 0.039
0.024 ± 0.002
0.031 ± 0.002
inches
13.00 ± 1.00
39.00 ± 1.50
9.50 ± 1.00
5.00 ± 0.50
5.00 ± 1.00
0.60 ± 0.05
0.80 ± 0.05
mm
d2
RWT7
Type/Code
Unit
RWT2
RWT5
W
H
S
L
P
d1


Similar Part No. - RWT2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RWT06S18 SCHNEIDER-RWT06S18 Datasheet
77Kb / 1P
WALL DUCT, STRAIGHT LENGTH 6FT W/ COVER
RWT06S18S SCHNEIDER-RWT06S18S Datasheet
55Kb / 1P
WALL DUCT 6FT STRAIGHT W/SURFACE COVER
RWT06S60 SCHNEIDER-RWT06S60 Datasheet
54Kb / 1P
WALL DUCT, STRAIGHT LENGTH 5FT W/ COVER
RWT06S60S SCHNEIDER-RWT06S60S Datasheet
54Kb / 1P
WALL DUCT 5FT STRAIGHT W/SURFACE COVER
RWT10S18 SCHNEIDER-RWT10S18 Datasheet
55Kb / 1P
WALL DUCT, STRAIGHT LENGTH W/COVER
More results

Similar Description - RWT2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RF731J KOA-RF731J Datasheet
121Kb / 2P
fusing flat chip resistor
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
coat-insulated fusing resistors (constant current fusing type)
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
coat-insulated fusing resistor
RF732BTTD100J KOA-RF732BTTD100J Datasheet
266Kb / 2P
fusing flat chip resistor
logo
List of Unclassifed Man...
SP3AJT100R ETC2-SP3AJT100R Datasheet
90Kb / 2P
UL1412 Certified Fusing Wirewound Resistor
logo
KOA Speer Electronics, ...
RF73 KOA-RF73 Datasheet
385Kb / 2P
fusing flat chip resistor
logo
New Jersey Semi-Conduct...
22RC10 NJSEMI-22RC10 Datasheet
92Kb / 1P
Maximum Fusing Condition
logo
Stackpole Electronics, ...
FRN SEI-FRN Datasheet
605Kb / 7P
Fusing Resistor
10/22/2020
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com