Electronic Components Datasheet Search
  English  ▼

X  

TC35678FSG Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC35678FSG
Description  TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35678FSG Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC35678FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 36Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 38Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 39Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
TC35678FSG/FXG-002
2018-01-17
39
Table 5-9 RF Characteristics
Test Item
Sub Item
Packet
bit
ch.
Condition
Min
Typ.
Max
Unit
Rx Sensitivity
—
37 octets
—
0,12,
19,3
PER=30.8 %
at 1500 packets
with dirty
—
-93.5
—
dBm
C/I and Receiver
Selectivity
Performance
PER=30.8 %
at 1500
packets
with dirty
255 octets
D wave:
PRBS9
U wave:
GFSK
PRBS15
0,2,12,
19,37,
39
<=- -7 MHz
—
-38 or
less
—
dB
-6
MHz
—
-32
—
-5
MHz
—
-26
—
-4
MHz
—
-30
—
-3
MHz
—
-32
—
-2
MHz
—
-35
—
-1
MHz
—
-2
—
0
MHz
—
8
—
1
MHz
—
-2
—
2
MHz
—
-30
—
3
MHz
—
-38
—
4
MHz
—
-40
—
5
MHz
—
-44
—
=> 6 MHz
—
-38 or
less
—
Blocking
Performance
—
255 octets
D wave:
PRBS9
U wave: CW
12
30-2000 MHz
-30
—
—
dBm
2003-2399 MHz
-35
—
—
2484-2997 MHz
-35
—
—
3000 M-12.75 GHz
-30
—
—
Intermodulation
Performance
1500 packets
255 octets
f1=-50 dBm
with
un-modulati
on
f2=-50 dBm
with
PRBS15
0,12,
19,39
-4 MHz
30.8
0
—
%
+4 MHz
Maximum input
signal level
PER
255 octets
PRBS9
0,12,
19,39
-10 dBm
30.8
0
—
%
PER Report
Integrity
PER
255 octets
PRBS9
0,12,
19,39
-30 dBm
50
50
65.4
%
Note: C/I characteristic and blocking characteristic has the relief specs of the logo attestation test of Bluetooth®maybe applied. The
blocking characteristic measures D wave as 12 ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com