Electronic Components Datasheet Search
  English  ▼

X  

TC35678FSG Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TC35678FSG
Description  TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35678FSG Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TC35678FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35678FSG Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
TC35678FSG/FXG-002
2018-01-17
14
3.
System Configuration
3.1. Block Diagram
Figure 3-1 shows block diagram of TC35678.
TC35678 is powered by single voltage between 1.9 V and 3.6 V.
The chip has built-in DCDC and LDO requiring external capacitors. It uses 26 MHz reference clock and 32.768 kHz sleep clock.
EEPROM Interface is SPI or I2C, and host CPU interface is UART.
Figure 3-1 Example of TC35678 system configuration
RF Block
26MHz
X’tal
ClockGen/
Clock
Management
RF PLL
Power 
Management
Controller
VBAT
1.9 to
3.6V
TC35678
Baseband
Block
UART
2ch
HOST
I/F
SPI/
I2C
PWM
4ch
GPIO
ADC
7ch
Modem
ARM®
 
Cortex®-M0
Mask
ROM
RAM
(BackUp)
Selector
Ref
VBAT
32kHz
X’tal
DCDC
LDO
Level
Detector
Frash
ROM
VDDCORE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com