Electronic Components Datasheet Search
  English  ▼

X  

EOSDA Datasheet(PDF) 4 Page - EnOcean GmbH.

Part # EOSDA
Description  Occupancy Sensor Sub Desk Installation Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EOSDA Datasheet(HTML) 4 Page - EnOcean GmbH.

  EOSDA Datasheet HTML 1Page - EnOcean GmbH. EOSDA Datasheet HTML 2Page - EnOcean GmbH. EOSDA Datasheet HTML 3Page - EnOcean GmbH. EOSDA Datasheet HTML 4Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EOSD - Occupancy Sensor Sub Desk
Installation Guide
Copyright EnOcean © 2020
Page 4 of 4
EOSD_Installation_Guide_V2.1
Two additional settings can be configured via button presses
which may be useful in some installations. Note that these
settings consume additional energy:
LED Blink on Motion Transmission - Red LED under PIR lens
will blink whenever motion is transmitted (disabled by default).
••> To enable/disable - press and hold Menu button for 3
seconds (green Menu LED will blink once)
-Enabled = 3 blinks from green Menu LED
-Disabled = 3 blinks from red Set LED
Heartbeat Transmission - unoccupied heartbeat message will
be sent at 1 hr intervals with no motion (disabled by default).
••> To enable/disable - press and hold Menu button for
5 seconds (both green and red LEDs will blink once)
-Enabled = 3 blinks from green Menu LED
-Disabled = 3 blinks from red Set LED
Problem
Solution Checklist
Sensor does not
generate a wireless
message
▪ Press Set button to transmit motion message
▪ Verify the LED blinks when motion is detected
during a walk test
▪ Verify the battery is inserted properly
Sensor is activated
when there is
nothing to detect
▪ Verify there is 4 ft. (1.2 m) clearance from heat
sources that may disturb sensing
▪ Reduce sensitivity setting by moving the PIR
sensitivity switch on the back from REG to
LOW (the left-hand position)
Linked device does
not respond to
wireless messages
▪ Force motion message by pressing Set button
▪ Check for environment or range issues
▪ Verify the device is linked
▪ Check the transceiver connection and the
wiring for errors
▪ Check if appropriate devices are linked
according to good system planning
868,300 MHz: contains: RE-D, RoHS, REACH
902 MHz: contains:
FCC: SZV-STM300U
IC: 5713A-STM300U
This device complies with part 15 of the FCC rules and Industry Canada ICES-003. Operation is
subject to the following two conditions: (1) This device may not cause harmful interference,
and (2) this device must accept any interference received, including interference that may
cause undesired operation.
IMPORTANT! Any changes or modifications not expressly approved by the party responsible
for compliance could void the user’s authority to operate this equipment.
WEEE-Reg.-No.: DE 93770561
EnOcean GmbH
Kolpingring 18a
82041 Oberhaching
Germany
Optional Settings
5
Troubleshooting
6
Agency compliance
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com