Electronic Components Datasheet Search
  English  ▼

X  

EOSDA Datasheet(PDF) 2 Page - EnOcean GmbH.

Part # EOSDA
Description  Occupancy Sensor Sub Desk Installation Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EOSDA Datasheet(HTML) 2 Page - EnOcean GmbH.

  EOSDA Datasheet HTML 1Page - EnOcean GmbH. EOSDA Datasheet HTML 2Page - EnOcean GmbH. EOSDA Datasheet HTML 3Page - EnOcean GmbH. EOSDA Datasheet HTML 4Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EOSD - Occupancy Sensor Sub Desk
Installation Guide
Copyright EnOcean © 2020
Page 2 of 4
EOSD_Installation_Guide_V2.1
Take a moment to plan for the sensor’s successful operation and
optimal communication with the other system components.
▪ Fix the sensor a little behind knee position under the table top,
with a distance of 70 to 90 cm between the floor and the sensor.
▪ Provide a minimum clearance of 4 ft. (1.2 m) away from any
heat source, like heating radiators, forced air, or ventilation
systems.
▪ Consider the construction materials (such as metal) in the
space and obstacles that may interfere with RF signals.
Sensor Range
A single occupancy sensor provides sufficient coverage for one
seat area. For people counting in a room multiple sensors will be
required.
The occupancy sensor can be mounted at the sub-desk surface
with the double sided adhesive. If needed, screws can also be
used to fix the mounting plate.
NOTE: Sometimes it’s easier to link the sensor before it is
mounted sub-desk. Refer to the “Linking” section.
1. Remove the sensor from packaging.
2. Remove the mounting plate from the sensor.
3. Insert the CR2032 battery under the clip with the positive
pole (+) up and press it in place.
4. Define where you want to install the occupancy sensor (see
“Planning”).
5. Decide which of the two installation options is appropriate
(gluing or screwing).
6. Fix the mounting plate.
7. Attach the sensor to the mounting plate.
8. Slide the sensor on the mounting plate until it snaps into
place.
9. Confirm the sensor is properly positioned to detect motion -
refer to the “Walk Test” section.
Safety Instructions
Intended use:
This product is intended for indoor usage in closed dry rooms. The product must not
be used in any relation with equipment that supports, directly or indirectly,
human/animal health or life or with applications that can result in danger for people,
animals or real value. The product is not suitable for use in mechanically or
environmentally challenging environments including (but not limited to) environments
with heavy vibrations, mechanical shocks, very high humidity, very dusty or in explosive
atmosphere. The installation and assembly of electrical equipment may only be
performed by a skilled electrician.
Basic safety instructions:
Risk of suffocation! Do not leave the packaging material lying around. Children could
swallow the small parts and choke on them. Install and operate product according to
user manual and do not modify product. The product should not be exposed to rapid
temperature changes shortly before or during operation; condensation of moisture has
to be avoided. Wrong cleaning may damage the product; we suggest cleaning with
soft and damp tissue.
Disposal:
Product: Dispose of the used components at an official collection point for electronic
waste or at your local dealer. Packing: Please use the recycling operators known to
you. Germany: WEEE-Reg.-No.: DE 93770561
Planning
Installing
estimated time: 5 minutes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com