| Electronic Components Datasheet Search |
|
BA4558RF Datasheet(PDF) 24 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4558RF Datasheet(HTML) 24 Page - Rohm |
|
24 / 29 page ![]() Datasheet www.rohm.com TSZ02201-0RAR1G200010-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 24/26 4.SEP.2012 Rev.003 TSZ22111・15・00 BA4558xxx, BA4558Rxxx ●Operational Notes 1) Processing of unused circuit It is recommended to apply connection (see the Fig.55) and set the non inverting input terminal at the potential within input common-mode voltage range (Vicm), for any unused circuit. 2) Input voltage Applying (VEE - 0.3) to (VEE + 36)V (BA4558R) to the input terminal is possible without causing deterioration of the electrical characteristics or destruction, irrespective of the supply voltage. However, this does not ensure normal circuit operation. Please note that the circuit operates normally only when the input voltage is within the common mode input voltage range of the electric characteristics. 3) Maximum output voltage Because the output voltage range becomes narrow as the output current Increases, design the application with margin by considering changes in electrical characteristics and temperature characteristics. 4) Short-circuit of output terminal When output terminal and VCC or VEE terminal are shorted, excessive Output current may flow under some conditions, and heating may destroy IC. It is necessary to connect a resistor as shown in Fig.56, thereby protecting against load shorting. 5) Power supply (split supply / single supply) in used Op-amp operates when specified voltage is applied between VCC and VEE. Therefore, the single supply Op-Amp can be used for double supply Op-Amp as well. 6) Power dissipation (Pd) Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions. 7) Short-circuit between pins and wrong mounting Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other components on the circuits, can damage the IC. 8) Use in strong electromagnetic field Using the ICs in strong electromagnetic field can cause operation malfunction. 9) Radiation This IC is not designed to be radiation-resistant. 10) IC Handling When stress is applied to IC because of deflection or bend of board, the characteristics may fluctuate due to piezoelectric (piezo) effect. 11) Inspection on set board During testing, turn on or off the power before mounting or dismounting the board from the test Jig. Do not power up the board without waiting for the output capacitors to discharge. The capacitors in the low output impedance terminal can stress the device. Pay attention to the electro static voltages during IC handling, transportation, and storage. 12) Output capacitor When VCC terminal is shorted to VEE (GND) potential and an electric charge has accumulated on the external capacitor, connected to output terminal, accumulated charge may be discharged VCC terminal via the parasitic element within the circuit or terminal protection element. The element in the circuit may be damaged (thermal destruction). When using this IC for an application circuit where there is oscillation, output capacitor load does not occur, as when using this IC as a voltage comparator. Set the capacitor connected to output terminal below 0.1 μF in order to prevent damage to IC. Status of this document The Japanese version of this document is formal specification. A customer may use this translation version only for a reference to help reading the formal version. If there are any differences in translation version of this document formal version takes priority. application circuit for unused op-amp Fig. 55 The example of Fig. 56 The example of output short protection Connect to Vicm VCC VEE Vicm - + VEE VCC + - protection resistor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |