Electronic Components Datasheet Search
  English  ▼

X  

BA4558RF Datasheet(PDF) 4 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 4 Page - Rohm

  BA4558RF Datasheet HTML 1Page - Rohm BA4558RF Datasheet HTML 2Page - Rohm BA4558RF Datasheet HTML 3Page - Rohm BA4558RF Datasheet HTML 4Page - Rohm BA4558RF Datasheet HTML 5Page - Rohm BA4558RF Datasheet HTML 6Page - Rohm BA4558RF Datasheet HTML 7Page - Rohm BA4558RF Datasheet HTML 8Page - Rohm BA4558RF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
4/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
●Electrical Characteristics
○BA4558 (Unless otherwise specified VCC=+15V, VEE=-15V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*7
Vio
25℃
-
0.5
6
mV
VOUT=0V
Input Offset Current
*7
Iio
25℃
-
5
200
nA
VOUT=0V
Input Bias Current
*8
Ib
25℃
-
60
500
nA
VOUT=0V
Supply Current
ICC
25℃
-
3
6
mA
RL=∞, All Op-Amps,
VIN+=0V
Maximum Output Voltage
VOM
25℃
±10
±13
-
V
RL≧2k
Ω
25℃
±12
±14
-
RL≧10k
Ω
Large Signal Voltage Gain
AV
25℃
86
100
-
dB
RL≧2k
Ω, VOUT=±10V,
Vicm=0V
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
-
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
Ri≦10k
Ω
Power Supply Rejection Ratio
PSRR
25℃
76.3
90
-
dB
Ri≦10k
Ω
Slew Rate
SR
25℃
-
1
-
V/
μs AV=0dB, RL≧2kΩ
Unity Gain Frequency
ft
25℃
-
2
-
MHz
RL=2k
Ω
Total Harmonic Distortion
THD+N
25℃
-
0.005
-
%
AV=20dB, RL=10k
Ω
VIN=0.05Vrms, f=1kHz
Input Referred Noise Voltage
Vn
25℃
-
12
-
Hz
nV/
RS=100
Ω, Vi=0V, f=1kHz
-
1.8
-
μVrms RS=100Ω, Vi=0V, DIN-AUDIO
Channel Separation
CS
25℃
-
105
-
dB
f=1kHz
*7
Absolute value
*8
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com