Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # SA555
Description  PRECISION TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA555 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button SA555 Datasheet HTML 4Page - Diodes Incorporated SA555 Datasheet HTML 5Page - Diodes Incorporated SA555 Datasheet HTML 6Page - Diodes Incorporated SA555 Datasheet HTML 7Page - Diodes Incorporated SA555 Datasheet HTML 8Page - Diodes Incorporated SA555 Datasheet HTML 9Page - Diodes Incorporated SA555 Datasheet HTML 10Page - Diodes Incorporated SA555 Datasheet HTML 11Page - Diodes Incorporated SA555 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NE555/SA555/NA555
Document number: DS35112 Rev. 5 - 2
8 of 14
www.diodes.com
February 2021
© Diodes Incorporated
NE555
Typical Applications Characteristics (cont.)
Astable Operation
As shown in Figure 4, adding a second resistor, RB, to the circuit of Figure 1 and connecting the trigger input to the threshold input causes
the timer to self-trigger and run as a multivibrator. The capacitor C charges through RA and RB and then discharges through RB. Therefore,
the duty cycle is controlled by the values of RA and RB.
This astable connection results in capacitor C charging and discharging between the threshold-voltage level (
≉0.67VCC) and the trigger-
voltage level (
≉0.33VCC). As in the monostable circuit, charge and discharge times (and, therefore, the frequency and duty cycle) are
independent of the supply voltage.
C
RL
RA
RB
THRES
TRIG
DISCH
RESET
CONT
VCC
GND
OUT
Output
4
7
6
2
1
3
8
5
Open
(See Note A)
VCC
(5V to 15V)
Decoupling CONT voltage to ground with a capacitor can
improve operation. This should be evaluated for individual
applications.
0.01µF
Fig. 4 Circuit for Astable Operation
Fig. 5 Typical Astable Waveforms
Figure 5 shows typical waveforms generated during astable operation. The output high-level duration tH and low-level duration tL can be
calculated as follows:
tH = 0.693(RA +RB)C
tL = 0.693(RB)C
Other useful equations are:
period = tH + tL = 0.693(RA + 2RB)C
frequency = 1.44/(RA + 2RB)C
output driver duty cycle = tL/(tH + tL) = RB/(RA + 2RB)
output waveform duty cycle = tH/(tH + tL) = 1 – RB/(RA + 2RB)
low to high ratio = tL/tH = RB/(RA + RB)
Fig. 6 Free Running Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com