Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # SA555
Description  PRECISION TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA555 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button SA555 Datasheet HTML 6Page - Diodes Incorporated SA555 Datasheet HTML 7Page - Diodes Incorporated SA555 Datasheet HTML 8Page - Diodes Incorporated SA555 Datasheet HTML 9Page - Diodes Incorporated SA555 Datasheet HTML 10Page - Diodes Incorporated SA555 Datasheet HTML 11Page - Diodes Incorporated SA555 Datasheet HTML 12Page - Diodes Incorporated SA555 Datasheet HTML 13Page - Diodes Incorporated SA555 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NE555/SA555/NA555
Document number: DS35112 Rev. 5 - 2
11 of 14
www.diodes.com
February 2021
© Diodes Incorporated
NE555
Typical Applications Characteristics (cont.)
Sequential Timer
Many applications, such as computers, require signals for initializing conditions during start-up. Other applications, such as test equipment,
require activation of test signals in sequence. These timing circuits can be connected to provide such sequential control. The timers can be
used in various combinations of astable or monostable circuit connections, with or without modulation, for extremely flexible waveform control.
Figure 14 shows a sequencer circuit with possible applications in many systems, and Figure 15 shows the output waveforms.
Fig. 14 Circuit for Sequential Timer
Fig. 15 Sequential timer waveforms
RA
THRES
TRIG
DISCH
RESET
CONT
VCC
GND
OUT
2
5
1
3
8
4
VCC
CA
7
6
Note A: S closes momentarily at t=0.
0.01
µF
s
0.001
µF
33kΩ
RB
THRES
TRIG
DISCH
RESET
CONT
VCC
GND
OUT
2
5
1
3
8
4
CB
7
6
0.01
µF
0.001
µF
33kΩ
Output A
RC
THRES
TRIG
DISCH
RESET
CONT
VCC
GND
OUT
2
5
1
3
8
4
CC
7
6
0.01
µF
Output B
Output C
CA=10µF
RA=100kΩ
CB=4.7µF
RB=100kΩ
CC=14.7µF
RC=100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com