Electronic Components Datasheet Search
  English  ▼

X  

PAM8904EJPR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8904EJPR
Description  18VPP OUTPUT PIEZO SOUNDER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904EJPR Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8904EJPR Datasheet HTML 1Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 2Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 3Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 4Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 5Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 6Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 7Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 8Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PAM8904E
Document number: DS41667 Rev. 2 - 2
4 of 10
www.diodes.com
February 2022
© Diodes Incorporated
PAM8904E
Electrical Characteristics (@TA = +25°C, VIN = 3.0V, CPIEZO = 47nF, fDIN = 3.2kHz, unless otherwise specified.)
Notes:
4. It is possible to drive VOUT, VO1 and VO2 to 3x VDD. A supply voltage of 4.5V of more should not be used in 3x mode as this will exceed the maximum
output voltage rating.
5. When designed under 3x mode, it should be carefully noted that the VOUT absolute maximum value should not exceed 13.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage Range
(Note 4)
1.5
—
13.5
V
VOUT1
Output Voltage
1x Mode
2.8
—
3
V
VOUT2
2x Mode
5.2
—
6
V
VOUT3
3x Mode (Note 5)
7.2
—
9
V
VOUT4
3x Mode (VIN = 2.7V)
6.8
7
8.0
V
IDD11
Operating Current 1
1x Mode, CPIEZO = No Load
—
43
—
µA
IDD12
2x Mode, CPIEZO = No Load
—
118
—
µA
IDD13
3x Mode, CPIEZO = No Load
—
220
—
µA
IDD21
Operating Current 2
1x Mode, Single-Ended Application
—
0.48
—
mA
IDD22
2x Mode, Single-Ended Application
—
1.9
—
mA
IDD23
3x Mode, Single-Ended Application
—
4.3
—
mA
IDD31
Operating Current 3
1x Mode, Differential Application
—
1.7
—
mA
IDD32
2x Mode, Differential Application
—
6.4
—
mA
IDD33
3x Mode, Differential Application
—
14.2
—
mA
ISD
Shutdown Current
DIN = 0V
—
0.008
1
µA
fIN
Input Frequency
Rectangular Pulse
—
3.2
—
kHz
fOSC
Oscillating Frequency
—
70
100
130
kHz
tON1
VOUT Start Delay Time
1x Mode, From DIN Signal High to
90% VOUT Steady State
—
470
—
µs
tON2
2x Mode, From DIN Signal High to
90% VOUT Steady State
—
1.76
—
ms
tON3
3x Mode From DIN Signal High to 90%
VOUT Steady State
—
1.91
—
ms
tOFF
Shutdown Delay Time
DIN = H- > L
—
42
—
ms
ISC
Output Short-Circuit Current
—
—
49
—
mA
VIH
Control Terminal Voltage H
EN1, EN2, DIN Pins
0.8*VIN
—
VIN
V
VIL
Control Terminal Voltage L
EN1, EN2, DIN Pins
0
—
0.2*VIN
V
IIH1
Control Terminal Current 1
DIN = 3V
—
—
5
µA
IIH2
Control Terminal Current 2
VEN1, VEN2 = 3V, DIN = 3V
—
—
5
µA
IIH3
Control Terminal Current 3
VEN1, VEN2 = 3V, DIN = 0V
—
—
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com