Electronic Components Datasheet Search
  English  ▼

X  

PAM8904EJPR Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8904EJPR
Description  18VPP OUTPUT PIEZO SOUNDER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904EJPR Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8904EJPR Datasheet HTML 1Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 2Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 3Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 4Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 5Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 6Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 7Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 8Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PAM8904E
Document number: DS41667 Rev. 2 - 2
5 of 10
www.diodes.com
February 2022
© Diodes Incorporated
PAM8904E
Application Information
Charge Pump Mode Setting
The Charge Pump Mode (CPM) pins EN1 and EN2 are used to set the charge pump into mode 1x VDD, 2x VDD, 3x VDD or they can be used to put
the PAM8904E into a forced low current shutdown mode.
DIN
EN1
EN2
MODE
0
—
—
Shutdown Mode
1
0
0
Shutdown Mode
1
0
1
1x Mode
1
1
0
2x Mode
1
1
1
3x Mode
Timing Chart and Device Operation
When one or both of the EN pins are pulled high, the device enters normal operation mode. Refer to the above table for the mode selection. Once
the PAM8904E senses a valid signal on the DIN pin, the charge pump will start and provide the desired voltage on the VOUT pin and the output
drive VO1 and VO2 start to function after time tON which is typically between 470µs and 2s depending on the mode chosen. Once the input signal
on DIN is removed, the PAM8904E senses this and waits typically 42ms to ensure the signal has been removed. If there is no further valid signal
within the time period tOFF
, the PAM8904E enters into a low current standby mode.
Timing Chart
VDD Range
Mode
1.5V to 4.5V
1x, 2x and 3x
1.5V to 5.5V
1x, 2x
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com