Electronic Components Datasheet Search
  English  ▼

X  

PI3USB4000A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3USB4000A
Description  Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB4000A Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3USB4000A Datasheet HTML 1Page - Diodes Incorporated PI3USB4000A Datasheet HTML 2Page - Diodes Incorporated PI3USB4000A Datasheet HTML 3Page - Diodes Incorporated PI3USB4000A Datasheet HTML 4Page - Diodes Incorporated PI3USB4000A Datasheet HTML 5Page - Diodes Incorporated PI3USB4000A Datasheet HTML 6Page - Diodes Incorporated PI3USB4000A Datasheet HTML 7Page - Diodes Incorporated PI3USB4000A Datasheet HTML 8Page - Diodes Incorporated PI3USB4000A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PI3USB4000A
A product Line of
Diodes Incorporated
www.diodes.com
January 2019
Diodes Incorporated
PI3USB4000A
Document Number DS40145 Rev 3-2
Storage Temperature ..........................................................–65°C to +150°C
Supply Voltage (VDD) to Ground Potential .........................–0.3V to +9V
Channel Input/Output Voltage (Lx+/-) .................................–0.3V to +6V
Channel Input/Output Voltage (C0+/-) ...............................–0.3V to +18V
Control Pins Input Voltage (EN/SEL) ....................................–0.3V to +6V
ESD (All Pins).............................................2KV (HBM) and 1KV (CDM)
Channel Input/Output Current (Lx/C0)...........................................±50mA
Junction Temperature ............................................................................125oC
Note:
Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Recommended Operating Conditions
Symbol
Description
Test Conditions
Min.
Typ. Max. Units
VDD
Power Supply
2.7
3.3
6.0
V
VIO
Analog Voltage Range
0
5.5
V
VI
Voltage Range for Control Pins
0
5.5
V
IDD
Current Consumption in Normal Operation VDD =3.3V, VIO =0V, SEL= GND
or VDD, EN= Low
35
45
µA
IDD_OVP
Current Consumption in OVP
VDD=3.3V, VC0+/VC0-=5.5V,
SEL=GND or VDD, EN=Low
35
µA
IDDQ
Chip Disabled Current Consumption
VDD =3.3V, VIO =0V, SEL= GND
or VDD, EN= High
1
2
µA
TA
Operating Temperature Range
-40
85
oC
DC Electrical Characteristics for Switching over Operating Range
(TA = -40°C to 85°C, Typical values are at VDD = 3.3V, TA = 25°C, (unless otherwise noted))
Parameter
Description
Test Conditions
Min.
Typ. Max. Units
Control Pins – EN/SEL
VIH - cntrl signals Input HIGH Voltage for SEL and EN
VDD = 2.7-5.5V
1.2
V
VIL - cntrl signals Input LOW Voltage for SEL and EN
VDD = 2.7-5.5V
0.6
V
IIH
Input HIGH Current for SEL and EN
VI = 0-5.5V
-1
1
µA
IIL
Input LOW Current for SEL and EN
VI = 0-5.5V
-1
1
µA
High Speed IO – L0/L1/C0
VOVP
OVP trigger voltage
4.6
4.75
5.0
V
Ron
ON resistance
VI/O = 0V, 0.4V, Ion = –8 mA
5
8
Ω
Δ Ron
On resistance between + and – channel VI/O = 0V, 0.4V, Ion = –8 mA
0.5
1
Ω
Ron_Flat
ON resistance flatness
VI/O = 0V, 0.4V, Ion = –8 mA
0.2
0.5
Ω
Ioff
Power-off leakage
VDD = 0V, VI/O = 0 – 3.6V
-1
1
µA
IOC
Channel off leakage current
EN=VDD=3.3V, VI/O=0-3.6V
-1
1
µA
ION
Channel on leakage current
EN=0V, VDD=3.3V, VI/O=0-
3.6V
-1
1
µA
IOVP
Leakage current on C0+/C0- in OVP
mode
EN=0V, VDD=3.3V, VC0+ or
VC0-=14V
3
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com