Electronic Components Datasheet Search
  English  ▼

X  

PI3USB4000A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI3USB4000A
Description  Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB4000A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI3USB4000A Datasheet HTML 2Page - Diodes Incorporated PI3USB4000A Datasheet HTML 3Page - Diodes Incorporated PI3USB4000A Datasheet HTML 4Page - Diodes Incorporated PI3USB4000A Datasheet HTML 5Page - Diodes Incorporated PI3USB4000A Datasheet HTML 6Page - Diodes Incorporated PI3USB4000A Datasheet HTML 7Page - Diodes Incorporated PI3USB4000A Datasheet HTML 8Page - Diodes Incorporated PI3USB4000A Datasheet HTML 9Page - Diodes Incorporated PI3USB4000A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PI3USB4000A
A product Line of
Diodes Incorporated
www.diodes.com
January 2019
Diodes Incorporated
PI3USB4000A
Document Number DS40145 Rev 3-2
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
VDD/2
VDD/2
VDD
VOH=VP
0V
VOL
VSwing/2
VSwing/2
tPHZ
tPZL
tPZH
Output 1
Output 2
VOL +0.15V
VOH –0.15V
VOL
VOH=VP
SEL
IN+
IN-
OUT+
OUT-
50Ω
50Ω
Test Circuit for Propagation Delay
Part Marking
ZM and ZUA Package
DF
YW
Y: Year
W: Workweek
DF: PI3USB4000A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com