Electronic Components Datasheet Search
  English  ▼

X  

PI6CB184Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6CB184Q
Description  4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB184Q Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6CB184Q Datasheet HTML 1Page - Diodes Incorporated PI6CB184Q Datasheet HTML 2Page - Diodes Incorporated PI6CB184Q Datasheet HTML 3Page - Diodes Incorporated PI6CB184Q Datasheet HTML 4Page - Diodes Incorporated PI6CB184Q Datasheet HTML 5Page - Diodes Incorporated PI6CB184Q Datasheet HTML 6Page - Diodes Incorporated PI6CB184Q Datasheet HTML 7Page - Diodes Incorporated PI6CB184Q Datasheet HTML 8Page - Diodes Incorporated PI6CB184Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.diodes.com
September 2022
Diodes Incorporated
PI6CB184Q
Document Number DS41705 Rev 4-2
A Product Line of
Diodes Incorporated
PI6CB184Q
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
PLL
SS
OSC
XTAL_IN/CLK
XTAL_OUT
SCLK
SDATA
OE[3:0]#
CTRL
LOGIC
Q0
Q1
Q2
Q3
REFOUT
SADR
SS_SEL_TRI
PD#
b
P
Lead-free Green
Features
y
1.8V Supply Voltage
y
HCSL Input: 100MHz, also support 50MHz or 125MHz via
SMBus
y
4 Differential Low Power HCSL Outputs with on-chip
Termination
y
Individual Output Enable
y
Programmable Slew Rate and Output Amplitude for each
output
y
Differential Outputs blocked until PLL is locked
y
Strapping pins or SMBus for configuration
y
3.3V Tolerant SMBus Interface Support
y
Very Low Jitter Outputs
à
Differential cycle-to-cycle jitter <50ps (Grade 2)
à
Differential output-to-output skew <50ps
à
PCIe
® Gen 1/Gen 2/Gen 3/Gen 4 compliant
y
AEC-Q100 qualified, supports Automotive Grade 2 and 1
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
The DIODES™ PI6CB184Q is suitable for automotive
applications requiring specific change control; this part is
AEC-Q100 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
32-contact TQFN 5×5mm (SWP) with Sidewall Plating
Block Diagram
Description
The PI6CB184Q is an 4-output very low power PCIe Gen 1/Gen
2/Gen 3/Gen 4 clock buffer. It takes an reference input to fanout
four 100MHz low power differential HCSL outputs with on-chip
terminations. The on-chip termination can save 16 external resis-
tors and make layout easier. Individual OE pin for each output
provides easier power management.
It uses proprietary PLL design to achieve very low jitter that
meets PCIe Gen 1/Gen 2/Gen 3/Gen 4 requirements. Other than
PCIe 100MHz support, this device also support Ethernet applica-
tion with 50MHz or 125MHz via SMBus. It provides various op-
tions such as different slew rate and amplitude through strapping
pins or SMBUS so that users can configure the device easily to
get the optimized performance for their individual boards. This
device is optimized for Automotive designs.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
DIODES is a trademark of Diodes Incorporated in the United States and other countries.
The Diodes logo is a registered trademark of Diodes Incorporated in the United States and other countries.
PCI Express
® and PCIe® are trademarks or registered trademarks and/or service marks of PCI-SIG Corporation.


Similar Part No. - PI6CB184Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB18601 DIODES-PI6CB18601 Datasheet
1Mb / 17P
Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
June 2020
PI6CB18601ZLAIEX-13R DIODES-PI6CB18601ZLAIEX-13R Datasheet
1Mb / 17P
Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
June 2020
More results

Similar Description - PI6CB184Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL402B PERICOM-PI6CDBL402B Datasheet
934Kb / 13P
4 -Output Low Power PCIE GEN 1-2-3 Buffer
logo
Texas Instruments
CDCDB2000 TI1-CDCDB2000 Datasheet
556Kb / 33P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB800 TI-CDCDB800 Datasheet
1Mb / 31P
CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB400 TI-CDCDB400 Datasheet
2Mb / 33P
CDCDB400 DB800ZL-Compliant 4-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS833 ??NOVEMBER 2021
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Diodes Incorporated
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG184Q DIODES-PI6CG184Q Datasheet
1Mb / 18P
4-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG188Q DIODES-PI6CG188Q Datasheet
1Mb / 19P
8-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 January 2019
logo
Renesas Technology Corp
9FGV0441 RENESAS-9FGV0441 Datasheet
688Kb / 17P
4-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
JUNE 6, 2019
logo
Texas Instruments
CDCDB803 TI1-CDCDB803_V01 Datasheet
1Mb / 34P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
REVISED MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com