Electronic Components Datasheet Search
  English  ▼

X  

PI7C9X760 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI7C9X760
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI7C9X760 Datasheet HTML 1Page - Diodes Incorporated PI7C9X760 Datasheet HTML 2Page - Diodes Incorporated PI7C9X760 Datasheet HTML 3Page - Diodes Incorporated PI7C9X760 Datasheet HTML 4Page - Diodes Incorporated PI7C9X760 Datasheet HTML 5Page - Diodes Incorporated PI7C9X760 Datasheet HTML 6Page - Diodes Incorporated PI7C9X760 Datasheet HTML 7Page - Diodes Incorporated PI7C9X760 Datasheet HTML 8Page - Diodes Incorporated PI7C9X760 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
Features
Î
Î
Single channel full-duplex UART
Î
Î
Support I2C-bus or SPI interface
Î
Î
64 bytes FIFO (transmitter and receiver)
Î
Î
Fully compatible with industrial standard 16C450 and
equivalent
Î
Î
Baud Rates up to 16Mbit/s in 4X sampling clock rate
Î
Î
Programmable character formatting
à
5-bit, 6-bit, 7-bit or 8-bit character
à
Even, odd, or no parity
à
1, 1.5, or 2 stop bits
Î
Î
Programmable Receive and Transmit FIFO trigger levels
Î
Î
Special character detection
Î
Î
Internal Loopback mode
Î
Î
Line break generation and detection
Flow Control
Î
Î
Support hardware flow control using RTS/CTS
Î
Î
Support software flow control with programmable Xon/Xoff
characters
Î
Î
Programmable single or double Xon/Xoff characters
Interface Control
Î
Î
Automatic RS-485 slave address detection
Î
Î
RS-485 driver direction control via RTS signal
Î
Î
RS-485 driver direction control inversion
Î
Î
Built-in IrDA encoder and decoder interface
Î
Î
Supports IrDA SIR with speeds up to 115.2 kbit/s ( optional
1.152Mbps)
Î
Î
Up to eight user programmable GPIO pins
Î
Î
Software reset
Others
Î
Î
Low standby current at 3.3 V
Î
Î
Wide operation voltage (1.8V, 2.5V or 3.3V)
Î
Î
Industrial and commercial temperature ranges
Î
Î
Available in QFN24, TSSOP24 and TSSOP16 Packages
I2C Interface
Î
Î
Compliant with I2C-bus fast speed
Î
Î
Support slave mode only
Description
The PI7C9X760 is a I2C-bus/SPI to a single-channel high per-
formance UART bridge controller. It offers data rates up to
33 Mbps and guarantees low operating and sleeping current.
The PI7C9X760 also has up to 8 additional programmable gen-
eral purpose I/O [GPIO] pins. The device comes in very small
TSSOP24 packages, which makes it ideally suitable for cost ef-
ficient, handheld, battery operated applications. These UART
bridges provide protocol conversion from I2C -bus or SPI to RS-
232/RS-485/RS-422 and are fully bidirectional.
The PI7C9X760 supports SPI clock speeds up to 33 Mbps and
IrDA SIR up to 1.152 Mbit/s.
PI7C9X760’s internal register set is backward-compatible with the
widely used and widely popular 16C450 UART. The PI7C9X760
also provides additional advanced features such as auto hardware
and software flow control, automatic RS-485 support, support for
fractional baud rates and software reset. This allows the software
to reset the UART at any moment, independent of the hardware
reset signal. This allows the software to reset the UART at any
moment, independent of the hardware reset signal.
Application
Î
Î
Industrial computing
Î
Î
Automation
Î
Î
Factory process control
Î
Î
Mobile computing
Î
Î
Embedded applications
Î
Î
Battery operated devices
Î
Î
Networking
Î
Î
Crystal oscillator (up to 24MHz) or external clock (up to
64MHz) input
SPI Interface
Î
Î
Support 33 Mbit/s maximum SPI clock speed
Î
Î
Support SPI mode 0 (slave mode only)
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
A product Line of
Diodes Incorporated
PI7C9X760
b
P
Lead-free Green
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI7C9X760

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI7C9X762Q DIODES-PI7C9X762Q Datasheet
384Kb / 1P
Automotive I2C-Bus/SPI to UART Bridge Controller with 64 Bytes of TX/RX FIFOs
Rev 3 August 2025
PI7C9X762Q DIODES-PI7C9X762Q Datasheet
338Kb / 2P
Automotive-Compliant I2C/SPI-to-Dual UART Bridge Improves Robustness in Automotive Connectivity
October 2025
PI7C9X762Q2ZHEX DIODES-PI7C9X762Q2ZHEX Datasheet
384Kb / 1P
Automotive I2C-Bus/SPI to UART Bridge Controller with 64 Bytes of TX/RX FIFOs
Rev 3 August 2025
PI7C9X762Q2ZHEX DIODES-PI7C9X762Q2ZHEX Datasheet
338Kb / 2P
Automotive-Compliant I2C/SPI-to-Dual UART Bridge Improves Robustness in Automotive Connectivity
October 2025
PI7C9X762Q DIODES-PI7C9X762Q_V01 Datasheet
338Kb / 2P
Automotive-Compliant I2C/SPI-to-Dual UART Bridge Improves Robustness in Automotive Connectivity
October 2025
More results

Similar Description - PI7C9X760

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
logo
NXP Semiconductors
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
logo
Maxim Integrated Produc...
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
UART to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com