Electronic Components Datasheet Search
  English  ▼

X  

PI7C9X760 Datasheet(PDF) 38 Page - Diodes Incorporated

Part # PI7C9X760
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760 Datasheet(HTML) 38 Page - Diodes Incorporated

Back Button PI7C9X760 Datasheet HTML 34Page - Diodes Incorporated PI7C9X760 Datasheet HTML 35Page - Diodes Incorporated PI7C9X760 Datasheet HTML 36Page - Diodes Incorporated PI7C9X760 Datasheet HTML 37Page - Diodes Incorporated PI7C9X760 Datasheet HTML 38Page - Diodes Incorporated PI7C9X760 Datasheet HTML 39Page - Diodes Incorporated PI7C9X760 Datasheet HTML 40Page - Diodes Incorporated PI7C9X760 Datasheet HTML 41Page - Diodes Incorporated PI7C9X760 Datasheet HTML 42Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
38
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
AC Electrical Characteristic - I2C-Bus Timing Specifications
(Unless otherwise noted: TA = -40o to +85oC, VDD = 1.62 - 3.63V)
Symbol
Parameter
Standard Mode
Fast Mode
Unit
Min.
Max.
Min.
Max.
fSCL
Operating frequency
0
100
0
400
kHz
TBUF
Bus free time between STOP and START
4.7
1.3
μs
THD;STA
START condition hold time
4.0
0.6
μs
TSU;STA
START condition setup time
4.7
0.6
μs
THD;DAT
Data hold time
0
0
ns
TVD;ACK
Data valid acknowledge
0.6
0.6
μs
TVD;DAT
SCL LOW to data out valid
0.6
0.6
μs
TSU;DAT
Data setup time
250
150
ns
TLOW
Clock LOW period
4.7
1.3
μs
THIGH
Clock HIGH period
4.0
0.6
μs
TF
Clock/data fall time
300
300
ns
TR
Clock/data rise time
1000
300
ns
TSP
Pulse width of spikes tolerance
100
100
ns
TD1
I2C-bus GPIO output valid
0.2
0.2
μs
TD2
I2C-bus modem input interrupt valid
0.2
0.2
μs
TD3
I2C-bus modem input interrupt clear
0.2
0.2
μs
TD4
I2C input pin interrupt valid
0.2
0.2
μs
TD5
I2C input pin interrupt clear
0.2
0.2
μs
TD6
I2C-bus receive interrupt valid
0.2
0.2
μs
TD7
I2C-bus receive interrupt clear
0.2
0.2
μs
TD8
I2C-bus transmit interrupt clear
1.0
0.5
μs
TD15
SCL delay after reset
3
3
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com