Electronic Components Datasheet Search
  English  ▼

X  

TF4057 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF4057
Description  500mA Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF4057 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF4057 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
深圳市拓锋半导体科技有限公司
TF4057
1
Apr,2020 V1.4
www.sztuofeng.com
500mA线性锂离子电池充电器
概述
TF4057是一款性能优异的单节锂离子电池恒流/恒压线性充电器。TF4057采用SOT23-6封装配合较少的外围原件使其
非常适用于便携式产品,并且适合给USB电源以及适配器电源供电。
基于特殊的内部MOSFET架构以及防倒充电路,TF4057不需要外接检测电阻和隔离二极管。当外部环境温度过高或者
在大功率应用时,热反馈可以调节充电电流以降低芯片温度。充电电压固定在4.2V,而充电电流则可以通过一个电 阻
器进行外部设置。当充电电流在达到最终浮充电压之后降至设定值的1/10,芯片将终止充电循环。
当输入电压断开时,TF4057进入睡眠状态,电池漏电流将降到1uA以下。TF4057可以被设置于停机模式,此时芯片静
态电流降至25uA。
TF4057还包括其他特性:电池温度监测,欠压锁定,自动再充电和两个状态引脚以显示充电和充电终止。
特性
◆
可编程充电电流500mA
◆
无需外接MOSFET,检测电阻以及隔离二极管
◆
用于单节锂电池、采用SOT23-6封装的完整线性充电器
◆
恒定电流/恒定电压操作,并具有可在无过热危险的情况
下实现充电速率最大化的热调节功能。
◆
精度达到±1 的4.2V预充电电压
◆
用于电池电量检测的充电电流监控器输出
◆
自动再充电
◆
充电状态双输出、无电池和故障状态显示
◆
C/10充电终止
◆
待机模式下的静态电流为25uA
◆
2.9V涓流充电
◆
软启动限制浪涌电流
应用范围
◆
移动电话、PDA
◆
MP3、MP4播放器
◆
充电器
◆
数码相机
◆
电子词典
◆
蓝牙、GPS导航仪
◆
便携式设备
TF4057采用SOT23-6封装


Similar Part No. - TF4057

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF4054A TUOFENG-TF4054A Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Dec,2019 V2.3
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results

Similar Description - TF4057

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2803 PERICOM-PT8A2803 Datasheet
199Kb / 8P
500mA Li-ion/Polymer Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Feeling Technology Corp...
FP8101 FEELING-FP8101 Datasheet
547Kb / 14P
500mA Linear Li-Ion Battery Charger in SOT23
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
SD8057 SHOUDING-SD8057 Datasheet
1Mb / 12P
500mA Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
logo
Shenzhen Tuofeng Semico...
TF4054A TUOFENG-TF4054A Datasheet
1Mb / 8P
500mA Linear Li-Ion Battery Charger
Dec,2019 V2.3
logo
TECH PUBLIC Electronics...
TP4057 TECHPUBLIC-TP4057 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.06.15
TP4057S6 TECHPUBLIC-TP4057S6 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com