Electronic Components Datasheet Search
  English  ▼

X  

TF4057 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF4057
Description  500mA Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF4057 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF4057 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co TF4057 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Apr,2020 V1.4
www.sztuofeng.com
管脚图
丝印字符
丝印字符说明
左示意图
57BTF
产品型号
0
年号
X
周号
典型应用
SOT23-6
管脚描述
管脚号
管脚名
描述
1
CHRG
电池充电指示端
2
GND
地端
3
BAT
电池端
4
VCC
电源端
5
STDBY
电池充电完成指示端
6
PROG
可编程恒流充电电流设置端
深圳市拓锋半导体科技有限公司
TF4057
500mA线性锂离子电池充电器
57BTF
0
X
TF4057



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com