Electronic Components Datasheet Search
  English  ▼

X  

TF8205 Datasheet(PDF) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF8205
Description  Plastic-Encapsulate MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF8205 Datasheet(HTML) 4 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF8205 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF8205 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.sztuofeng.com
4
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
Vgs Gate-Source Voltage (V)
Figure 7 Transfer Characteristics
Vgs Gate-Source Voltage (V)
Figure 9 Rdson vs Vgs
Qg Gate Charge (nC)
Figure 11 Gate Charge
TJ-Junction Temperature(℃)
Figure 8 Drain-Source On-Resistance
Vds Drain-Source Voltage (V)
Figure 10 Capacitance vs Vds
Vsd Source-Drain Voltage (V)
Figure 12 Source- Drain Diode Forward
5
TSSOP-8 Plastic-Encapsulate MOSFETS
Dec
2021 V1.0
0
100
400
800
1200
1
10
100
Ciss
Coss
Crss
Frequency=1.0MHz
TF8205
0
10
20
30
40
50
0123456789
10
Id=5.0A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com