Electronic Components Datasheet Search
  English  ▼

X  

MMA704 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # MMA704
Description  DC to 3.7 GHz Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA704 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  MMA704 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aeroflex / Metelics Inc.
Aeroflex Microelectronic Solutions
975 Stewart Drive, Sunnyvale, CA 94085
TEL: 408-737-8181
Fax: 408-733-7645
www.aeroflex-metelics.com
sales@aeroflex-metelics.com
Aeroflex / Metelics, Inc. reserves the right to make changes to any products
and services herein at any time without notice. Consult Aeroflex or an
authorized sales representative to verify that the information in this data
sheet is current before using this product. Aeroflex does not assume any
responsibility or liability arising out of the application or use of any product
or service described herein, except as expressly agreed to in writing by
Aeroflex; nor does the purchase, lease, or use of a product or service from
Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
Copyright 2003 Aeroflex / Metelics. All rights reserved.
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused.
Application Circuit:
R
BIAS vs. VS
MMA704
DC to 3.7 GHz Amplifier
Revision Date: 09/16/04
V
S (V)
6.0
8.0
10.0
12.0
15.0
R
BIAS (
)
22
43
86
130
200
Power Dissipation (W)
0.10
0.2
0.5
1
2
R
BIAS
C1
C2
L1
MMA704
C4
100 pF
C3
10 pF
C5
0.1 uF
Vs = 6.0 Vdc min.
C1, C2, L1: XL >> 50Ω, XC << 50Ω
RF IN
RF OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com