Electronic Components Datasheet Search
  English  ▼

X  

MMA704 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MMA704
Description  DC to 3.7 GHz Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA704 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MMA704 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description:
RF Specifications:
Features:
Absolute Maximum Ratings:
Revision Date: 09/16/04
The MMA704 is a fully matched amplifier fabricated in
Aeroflex / Metelics reliable InGap HBT technology. The
economical SOT89 package provides excellent wide-
band performance.
•
DC - 3.7 GHz Broadband Gain Block
•
± 0.5 dB Typical Gain Flatness
•
50 Ohms Input/Output Impedances
NOTES:
1. T
A = +25 °C.
2. V
S = 6.0 Vdc, RBIAS = 22
3. IP3 measured with two tones offset 10 MHz at 0 dBm per tone.
Parameter
Term
Minimum
Typical
Maximum
Units
3dB Bandwidth
BW
DC
- - -
3.7
GHz
Frequency Range
f
O
DC
- - -
1.5
GHz
Gain
G
P
16
17
- - -
dB
Output Power
P
1dB
+16
+17
- - -
dBm
Standing Wave Ratio
VSWR
- - -
1.5:1
2.0:1
- - -
3rd Order Intercept Point
IP3
+23
+25
- - -
dBm
Noise Figure
NF
- - -
4
4.5
dB
Device Current
I
C
42
48
55
mA
MMA704
DC to 3.7 GHz Amplifier
SOT89 OUTLINE
Parameters
Rating
Device Current ( I
C )
80 mA
RF Input Power, continuous
+10 dBm
Operating Temperature
-40 to +85 ºC
Storage Temperature
-55 to +125 ºC
Thermal Resistance (
JC )
125 ºC/W


Similar Part No. - MMA704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMA701 ETC2-MMA701 Datasheet
2Mb / 8P
High Linearity Packaged HBT
MMA701-SOT89 ETC2-MMA701-SOT89 Datasheet
2Mb / 8P
High Linearity Packaged HBT
logo
Aeroflex Circuit Techno...
MMA701A AEROFLEX-MMA701A Datasheet
585Kb / 4P
24 dBm InGaP HBT Amplifier
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
More results

Similar Description - MMA704

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA710 AEROFLEX-MMA710 Datasheet
851Kb / 4P
DC to 4 GHz Amplifier
MMA712 AEROFLEX-MMA712 Datasheet
365Kb / 7P
DC to 12 GHz Amplifier
logo
SIRENZA MICRODEVICES
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
logo
Aeroflex Circuit Techno...
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
logo
HBH Microwave GmbH
HA3002 HBH-HA3002 Datasheet
12Kb / 1P
3.0 - 3.7 GHz Power Amplifier
logo
Johanson Technology Inc...
3700BL15B200 JOHANSON-3700BL15B200 Datasheet
95Kb / 2P
3.7 GHz Balun
logo
Micronetics, Inc.
B37A MICRONETICS-B37A Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B37V MICRONETICS-B37V Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
logo
Qorvo, Inc
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com