Electronic Components Datasheet Search
  English  ▼

X  

10127721 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 10127721
Description  Minitek® Pwr 3.0 Connector System Dual Row & Single Row
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10127721 Datasheet(HTML) 1 Page - Amphenol Corporation

  10127721 Datasheet HTML 1Page - Amphenol Corporation 10127721 Datasheet HTML 2Page - Amphenol Corporation 10127721 Datasheet HTML 3Page - Amphenol Corporation 10127721 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
COMPACT, ROBUST AND
VERSATILE
Minitek® Pwr 3.0 is a flexible and comprehensive solution
designed for power application with current rating up to
8.5A per circuit. It is available in 2 to 24 circuits for dual
row and 2 to 12 circuits for single row.
TARGET MARKETS
Minitek® Pwr 3.0 Connector System
§ Solutions for Wire-to-Board and Wire-to-Wire
applications
§ Low insertion force for installation of crimped terminal
makes it easy to use
§ Polarized mating geometry prevents mismatching
§ Fully isolated terminals prevents terminals from damage
§ Blind mating interface (BMI) option in Vertical and Right
angle through hole type for dual row
FEATURES
BENEFITS
§
Low insertion force for installation of crimped terminal
§
Easy to use
§
Fully isolated terminals
§
Prevents terminals from potential damage during
operation
§
Positive locking on housing with low thumb latch operation
§
Ensures secured mating retention
§
Fully polarized housings
§
Prevents accidental mismating
§
Scoop-proof housings
§
Ensures terminals and header pins are not damaged for
angled mating
§
High retention force in housing
§
Well secured terminals in housing
§
Glow wire compliant option
§
Complies with International Standard IEC 60335-1 for
household appliances
§
BMI option
§
Allows ± 2.54mm gatherability for blind mating
§
UL94V-0 flammability rated LCP material
§
High flammability rating
§
RoHS compliant and lead-free
§
Meets environmental, health and safety requirements
Dual Row & Single Row


Similar Part No. - 10127721

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
10127721 AMPHENOLCS-10127721 Datasheet
499Kb / 3P
Minitek® Pwr 3.0 Connector System Dual Row & Single Row
More results

Similar Description - 10127721

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31100-004 MOLEX-31100-004 Datasheet
1Mb / 2P
H-DAC 64??Single Row Connector System
logo
FCI connector
90311-040LF FCI-CONNECTOR-90311-040LF Datasheet
121Kb / 2P
MINITEK CTW HSG. DBL ROW
69307-050LF FCI-CONNECTOR-69307-050LF Datasheet
85Kb / 1P
MINITEK CTW HOUSING DOUBLE ROW
86730-001LF FCI-CONNECTOR-86730-001LF Datasheet
85Kb / 1P
MINITEK JUMPER
logo
Amphenol Corporation
10159387 AMPHENOL-10159387 Datasheet
388Kb / 5P
HAND CRIMPING TOOL FOR MINITEK POWER 3.0 TERMINALS
22.04.11
logo
Amphenol Communications...
10134160 AMPHENOLCS-10134160 Datasheet
395Kb / 2P
RECEPTACLE CRIMP TERMINAL MINITEK POWER 3.0
Rev. E
10138980 AMPHENOLCS-10138980 Datasheet
312Kb / 3P
DUAL ROW BMI VERTICAL MINITEK 3.0 HEADER
Rev. H
10159684 AMPHENOLCS-10159684 Datasheet
180Kb / 2P
DUAL ROW BMI REC HOUSING MINITEK POWER 3.0
Rev. B
10160855 AMPHENOLCS-10160855 Datasheet
213Kb / 2P
MINITEK PWR 3.0 BMI DUAL ROW PLUG HSG
Rev. B
CEM-5 AMPHENOLCS-CEM-5 Datasheet
362Kb / 3P
Minitek® Pwr CEM-5 PCIe® Connector System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com