Electronic Components Datasheet Search
  English  ▼

X  

10127721 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 10127721
Description  Minitek® Pwr 3.0 Connector System Dual Row & Single Row
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10127721 Datasheet(HTML) 2 Page - Amphenol Corporation

  10127721 Datasheet HTML 1Page - Amphenol Corporation 10127721 Datasheet HTML 2Page - Amphenol Corporation 10127721 Datasheet HTML 3Page - Amphenol Corporation 10127721 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
MATERIAL
§
Header: Copper alloy with optional tin and gold platings
§
Housing: LCP and nylon, black and natural, UL94 V-0
§
Crimping Terminal: Copper alloy with optional tin and gold
plating
MECHANICAL PERFORMANCE
§
Terminal Insertion Force: 4.1N per circuit (6 N after duarability)
§
Terminal Withdrawal Force: 1.5N min. (Tin plated)& 0.6N min.
(Au plated)
§
Durability: 30 mating cycles
§
Wire Pullout Force: Refer to product specifications
ELECTRICAL PERFORMANCE
§
Low Level Contact Resistance: 10mΩ max.
§
Insulation Resistance: 1000MΩ min.
§
Voltage Rating: 600Vrms
§
Current Rating: 8.5A max. Refer to product specifications for
per contact current ratings
§
Dielectric Withstand Voltage: 1000VAC
§
Temperature Rise: 30°C max
PACKAGING
§
PCB Header: Tray or tape and reel
§
Receptacle Housing: Bag
§
Terminal: Reel
APPROVALS & CERTIFICATION
§
Dual Row: UL E66906 & E467317
§
Single Row: UL pending
§
Glow Wire Ignition Temperature (GWIT) per IEC 60695-2-13
§
Glow Wire Flammability Index (GWFI) per IEC 60695-2-12
SPECIFICATION
§
Amphenol Product Specification: GS-12-1177
§
Amphenol Application Specification: GS-20-0399
§
Amphenol Packaging Specification: GS-14-2359
ENVIRONMENTAL
§
Operating Temperature: -40ºC to +105ºC
*Includes 30ºC terminal temperature rise at rated current
TARGET MARKETS/APPLICATIONS
1U Rack Box
Customer Premises Equipment
Generic Telecom Box
Interface Converter
WiMax Box
Air Conditioner
Microwave Oven
Refrigerator
Set Top Box
Blade Server
Desktop PC and Motherboard
HDD Application
Rack-Mount Server
Server-Orthogonal Configuration
Defibrillator
Hospital Bed
Patient Monitor
Ultrasound Equipment
Chemical Detection System
Radar Equipment
TECHNICAL INFORMATION
Minitek® Pwr 3.0 Connector System



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com