Electronic Components Datasheet Search
  English  ▼

X  

SM5304AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5304AV
Description  Video Buffer with Built-in Analog LPF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5304AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5304AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SM5304AV
NIPPON PRECISION CIRCUITS INC.—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O1
1. I: input, O: output
A/D2
2. A: analog, D: digital
Description
1
VIN
I
A
Input signal pin
2
ENABLE
I
D
Enable signal input pin (with pull-down resistor)
3
RFC
O
A
LPF cutoff frequency set pin
4
VCC
–
–
5V supply pin
5
GND
–
–
Ground pin
6
VOUT
O
A
Output signal pin
7
VF
I
A
Output signal feedback pin for sag compensation circuit
8
GSEL
I
D
Gain set signal input pin
VIN
RFC
VOUT
VCC
GND
ENABLE
8th order
LPF
Buffer
GSEL
VF
Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com