Electronic Components Datasheet Search
  English  ▼

X  

SM5304AV Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5304AV
Description  Video Buffer with Built-in Analog LPF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5304AV Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5304AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SM5304AV
NIPPON PRECISION CIRCUITS INC.—8
TYPICAL CHARACTERISTICS
VCC = 5.0V, RFC = 4.3kΩ, Ta = 25°C, unless otherwise noted.
Figure 1. Phase vs Frequency
−48
−42
−36
−30
−24
−18
−12
−6
0
6
12
Frequency [MHz]
0.1
1
10
100
90
0
−90
−180
−270
−360
−450
−540
Gain
Phase
6dB
Figure 2. Group Delay vs Frequency
−48
−36
−24
−12
0
12
Frequency [MHz]
50n
110n
90n
70n
130n
150n
0.1
1
10
100
Gain
Group Delay
6dB
Figure 3. Gain vs Frequency (Rfc = 4.3k
Ω)
−24
−18
−12
−6
0
6
12
18
Frequency [MHz]
100
10
1
0.1
0dB
6dB
12dB
Figure 4. Gain vs Frequency (0dB)
−18
−12
−6
0
6
Frequency [MHz]
100
10
1
0.1
Rfc=18k
Ω
Rfc=10k
Ω
Rfc=4.3k
Ω
Rfc=2.7k
Ω
0dB
Figure 5. Gain vs Frequency (6dB)
−12
−6
0
6
12
Frequency [MHz]
100
10
1
0.1
6dB
Rfc=18k
Ω
Rfc=10k
Ω
Rfc=4.3k
Ω
Rfc=2.7k
Ω
Figure 6. Gain vs Frequency (12dB)
−6
0
6
12
18
Frequency [MHz]
100
10
1
0.1
12dB
Rfc=18k
Ω
Rfc=10k
Ω
Rfc=4.3k
Ω
Rfc=2.7k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com