Electronic Components Datasheet Search
  English  ▼

X  

S0402MH Datasheet(PDF) 1 Page - STMicroelectronics

Part # S0402MH
Description  SENSITIVE GATE SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S0402MH Datasheet(HTML) 1 Page - STMicroelectronics

  S0402MH Datasheet HTML 1Page - STMicroelectronics S0402MH Datasheet HTML 2Page - STMicroelectronics S0402MH Datasheet HTML 3Page - STMicroelectronics S0402MH Datasheet HTML 4Page - STMicroelectronics S0402MH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S0402xH
®
January 1995
SENSITIVE GATE SCR
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180
° conduction angle)
Tc= 110
°C4
A
IT(AV)
Mean on-state current
(180
° conduction angle)
Tc= 110
°C
2.5
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C)
tp = 8.3 ms
55
A
tp = 10 ms
50
I
2t
I
2t Value for fusing
tp = 10 ms
12.5
A
2s
dI/dt
Critical rate of rise of on-state current
IG =10 mA
diG /dt = 0.1 A/
µs.
100
A/
µs
Tstg
Tj
Storage and operating junction temperature range
- 40, + 150
- 40, + 125
°C
Tl
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
TO220
non-insulated
(Plastic)
IT(RMS) =4A
VDRM = 200V to 800V
Low IGT < 200
µA
FEATURES
Symbol
Parameter
Voltage
Unit
BD
M
N
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°CRGK =1KΩ
200
400
600
800
V
The S0402xH series of SCRs uses a high
performance MESA GLASS PNPN technology.
These parts are intended for general purpose
applications where low gate sensitivity is required.
DESCRIPTION
K
G
A
1/5


Similar Part No. - S0402MH

ManufacturerPart #DatasheetDescription
logo
API Delevan
S0402 API-S0402 Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-10NJ API-S0402-10NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-12NJ API-S0402-12NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-15NJ API-S0402-15NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0402-22NJ API-S0402-22NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
More results

Similar Description - S0402MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
X04XXXF STMICROELECTRONICS-X04XXXF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
XL0102DA ETC1-XL0102DA Datasheet
78Kb / 2P
SENSITIVE GATE SCR
logo
STMicroelectronics
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com