Electronic Components Datasheet Search
  English  ▼

X  

SM6802AB Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM6802AB
Description  Class-D Stereo Amplifier for Portable Device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6802AB Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM6802AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SM6802A
NIPPON PRECISION CIRCUITS INC.—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name*1
*1. VDDS = VDD1, VDDP = VDD2 = VDD3, VSS = VSS1 = VSS2
I/O*2
*2. Ip = input pin with built-in pull-up resistor
Function
1
LEQP
I
Lch equalizer network connection
2
LIN
I
Lch signal input
3
VDD1
–
Supply (input system)
4
RIN
I
Rch signal input
5
REQP
I
Rch equalizer network connection
6
REQN
I
Rch equalizer network connection
7
VSS1
–
Ground (input system)
8
PDWN
I
Power-down control (active LOW)
9
DRCN
I
Dynamic range compression mode setting (HIGH: normal operation, LOW: compression mode)
10
ROUTN
O
Rch speaker minus (–) output
11
VDD2
–
Supply (output stage)
12
ROUTP
O
Rch speaker plus (
+) output
13
VSS2
–
Ground (output stage)
14
LOUTP
O
Lch speaker plus (
+) output
15
VDD3
–
Supply (output stage)
16
LOUTN
O
Lch speaker minus (–) output
17
MUTEN
I
Mute control (active LOW)
18
TESTN
Ip
Test pin (HIGH: normal operation, LOW: test mode)
19
VREF1
–
Reference voltage 1 (bias voltage)
20
LEQN
O
Lch equalizer network connection
LIN
VSS2
VDD2
LOUTP
VDD1
VSS1
PWM
Modulator
VDD3
LEQP
DRCN
TESTN
LEQN
MUTEN
PWDN
MUTE,POWERDOWN,
PROTECTION
BUFFER
VREF1
RIN
REQP
REQN
BIAS
VREF
PWM
Modulator
+
−
+
−
+
−
+
−
OSC
LEVEL SHIFTER
LOUTN
BUFFER
LEVEL SHIFTER
ROUTP
BUFFER
LEVEL SHIFTER
ROUT
BUFFER
LEVEL SHIFTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com