Electronic Components Datasheet Search
  English  ▼

X  

SM6802AB Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM6802AB
Description  Class-D Stereo Amplifier for Portable Device
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6802AB Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM6802AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 14Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SM6802A
NIPPON PRECISION CIRCUITS INC.—13
Residual noise vs. Frequency
THD + N and output voltage vs. Frequency
PSSR vs. Frequency
Channel crosstalk vs. Frequency
-140
-70
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency [Hz]
-6
+6
-5
-4
-3
-2
-1
-0
+1
+2
+3
+4
+5
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency [Hz]
THD + N
Output
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
20k
20
50
100
200
500
1k
2k
5k
10k
Frequency [Hz]
PSRR
-140
+0
-120
-100
-80
-60
-40
-20
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com