Electronic Components Datasheet Search
  English  ▼

X  

STM4433 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM4433
Description  P-Channel E nhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4433 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM4433 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4433 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4433 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4433 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4433 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4433 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4433 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
2
1
0.1
0.01
Square Wave Pulse Duration (sec)
Figure 13. Normalized Thermal Transient Impedance Curve
5
INVERTED
Duty Cycle=0.5
0.2
0.1
0.05
0.02
Single Pulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. RthJA (t)=r (t) * RthJA
2. RthJA=See Datasheet
3. TJM-TA = PDM* RthJA (t)
4. Duty Cycle, D=t1/t2
-VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
STM4433



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com