Electronic Components Datasheet Search
  English  ▼

X  

TLS202A1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLS202A1
Description  Adjustable Linear Voltage Post Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS202A1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLS202A1 Datasheet HTML 1Page - Infineon Technologies AG TLS202A1 Datasheet HTML 2Page - Infineon Technologies AG TLS202A1 Datasheet HTML 3Page - Infineon Technologies AG TLS202A1 Datasheet HTML 4Page - Infineon Technologies AG TLS202A1 Datasheet HTML 5Page - Infineon Technologies AG TLS202A1 Datasheet HTML 6Page - Infineon Technologies AG TLS202A1 Datasheet HTML 7Page - Infineon Technologies AG TLS202A1 Datasheet HTML 8Page - Infineon Technologies AG TLS202A1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
4
Rev. 1.0, 2015-06-22
TLS202A1
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment PG-SCT595
Figure 2
Pin Configuration Package PG-SCT595-5
3.2
Pin Definitions and Functions
Pin
Symbol Function
1I
Input.
IC supply. For compensation line influences, a capacitor of 220nF close to the IC pins
recommended.
2GND
Ground Reference.
Internally connected to Pin 5. Connect to heatsink area.
For thermal reasons both ground Pins 2 and 5 have to be soldered.
3Q
Output.
Block to GND with a capacitor close to the IC terminals, respecting capacitance and ESR
requirements given in the “Functional Range” on Page 6.
4ADJ
Adjust.
The reference voltage can be connected directly to the output Q or by a voltage divider for higher
output voltages (see “Application Information” on Page 15).
5GND
Ground Reference.
Internally connected to Pin 2. Connect to heatsink area.
For thermal reasons both ground Pins 2 and 5 have to be soldered.
SCT595.vsd
12
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com