Electronic Components Datasheet Search
  English  ▼

X  

TLS202A1 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS202A1
Description  Adjustable Linear Voltage Post Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS202A1 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS202A1 Datasheet HTML 9Page - Infineon Technologies AG TLS202A1 Datasheet HTML 10Page - Infineon Technologies AG TLS202A1 Datasheet HTML 11Page - Infineon Technologies AG TLS202A1 Datasheet HTML 12Page - Infineon Technologies AG TLS202A1 Datasheet HTML 13Page - Infineon Technologies AG TLS202A1 Datasheet HTML 14Page - Infineon Technologies AG TLS202A1 Datasheet HTML 15Page - Infineon Technologies AG TLS202A1 Datasheet HTML 16Page - Infineon Technologies AG TLS202A1 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TLS202A1
Current Consumption
Data Sheet
13
Rev. 1.0, 2015-06-22
6
Current Consumption
6.1
Description Current Consumption
The Current Consumption of the device is characterizing the current the device needs to operate. The Quiescent
Current is describing the Current Consumption in a very low load condition (e.g. the supplied microcontroller is in
sleep mode). The Current Consumption of the device can be determined by measuring the Current flowing out of
the GND Pin and defined as the delta between
I
I and IQ.
Figure 4
Parameter Definition Current Consumption
6.2
Electrical Characteristics Current Consumption
Table 5
Electrical Characteristics
V
I = VQ + 1 V and VI > 2.7 V; Tj = -40 °C to +150 °C; all voltages with
respect to ground (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Quiescent Current
I
q = II – IQ
I
q
–
5075µA
I
Q =10µA ; Tj = 25 °C
P_6.2.1
Quiescent Current
I
q = II – IQ
I
q
––
100
µA
I
Q =10µA ; Tj ≤ 125 °C
P_6.2.2
Current Consumption
I
q = II – IQ
I
q
–150
200
µA
I
Q = 50 mA
P_6.2.3
GND
Q
I
LOAD
CI
IQ
II
VI
VQ
Iq
TLS202A1
C
ESR
CQ
ADJ
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com